| Electronic Components Datasheet Search |
|
XRT86VL32IB Datasheet(PDF) 43 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT86VL32IB Datasheet(HTML) 43 Page - Exar Corporation |
|
43 / 153 page ![]() XRT86VL3X 36 REV. 1.2.2 T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION Figure 36 below shows the timing diagram of the input and output signals associated with the DS1 Transmit Overhead Input Interface module in N or SLC®96 framing format mode. 4.1.4 Configure the DS1 Transmit Overhead Input Interface module as source of the Remote Signaling (R) bits in T1DM framing format mode The R bits in T1DM framing format mode can be inserted from: • DS1 Transmit Overhead Input Interface Block • DS1 Transmit HDLC Controller • DS1 Transmit Serial Input Interface. The Transmit Data Link Source Select bits of the Transmit Data Link Select Register (TDLSR) controls the insertion of data link bits into the R bits in T1DM framing format mode. The table below shows configuration of the Transmit Data Link Source Select bits of the Transmit Data Link Select Register (TDLSR). If the Transmit Data Link Source Select bits of the Transmit Data Link Select Register are set to 10, the Transmit Overhead Input Interface Block becomes input source of the R bits. Since R bit presents in Timeslot 24 of every T1DM frame, therefore, bandwidth of T1DM data link channel is 8KHz. Figure 37 below shows the timing diagram of the input and output signals associated with the DS1 Transmit Overhead Input Interface module in T1DM framing format mode. FIGURE 36. DS1 TRANSMIT OVERHEAD INPUT TIMING IN N OR SLC®96 FRAMING FORMAT MODE TRANSMIT DATA LINK SELECT REGISTER (TDLSR) (ADDRESS = 0XN10AH) BIT NUMBER BIT NAME BIT TYPE BIT DESCRIPTION 1-0 Transmit Data Link Source Select R/W 00 - The Remote Signaling bits are inserted into the framer through either the LAPD controller or the SLC®96 buffer. 01 - The Remote Signaling bits are inserted into the framer through the Transmit Serial Data input Interface via the TxSer_n pins. 10 - The Remote Signaling bits are inserted into the framer through the Transmit Overhead Input Interface via the TxOH_n pins. 11 - The Remote Signaling bits are forced to one by the framer. FIGURE 37. DS1 TRANSMIT OVERHEAD INPUT INTERFACE MODULE IN T1DM FRAMING FORMAT MODE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |