Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 76 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 76 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 72Page - Exar Corporation XRT86VL32IB Datasheet HTML 73Page - Exar Corporation XRT86VL32IB Datasheet HTML 74Page - Exar Corporation XRT86VL32IB Datasheet HTML 75Page - Exar Corporation XRT86VL32IB Datasheet HTML 76Page - Exar Corporation XRT86VL32IB Datasheet HTML 77Page - Exar Corporation XRT86VL32IB Datasheet HTML 78Page - Exar Corporation XRT86VL32IB Datasheet HTML 79Page - Exar Corporation XRT86VL32IB Datasheet HTML 80Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 153 page
background image
XRT86VL3X
69
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
REV. 1.2.2
7.3
Brief Discussion of Common Channel Signaling in E1 Framing Format
As the name referred, Common Channel Signaling is signaling information common to all thirty voice or data
channels of an E1 trunk. Time slot 16 may be used to carry Common Channel Signaling data of up to a rate of
64kbits/s. The national bits of time slot 0 may also be used for Common Channel Signaling. Since there are
five national bits of time slot 0 per every two E1 frames, the total bandwidth of the national bits is 20kbits/s. The
Common Channel Signaling is essentially data link information that provides performance monitoring and a
transmission quality report.
7.4
Brief Discussion of Channel Associated Signaling in E1 Framing Format
Signaling is required when dealing with voice and dial-up data services in E1 applications. Traditionally,
signaling is provided on a dial-up telephone line across the talk-path. Signaling is used to tell the receiver
where the call or route is destined. The signal is sent through switches along the route to a distant end.
Common types of signals are:
• On hook
• Off hook
• Dial tone
• Dialed digits
• Ringing cycle
• Busy tone
A signal is consists of four bits namely A, B, C and D. These bits define the state of the call for a particular time
slot. Time slot 16 of each E1 frame can carry CAS signals for two E1 voice or data channels. Therefore,
sixteen E1 frames are needed to carry CAS signals for all 32 E1 channels. The sixteen E1 frames then forms
a CAS Multi-frame.
7.5
Insert/Extract Signaling Bits from TSCR Register
The four most significant bits of the Transmit Signaling Control Register (TSCR) of each time slot can be used
to store outgoing signaling data. The user can program these bits through microprocessor access. If the
XRT86VL3x framer is configure to insert signaling bits from TSCR registers, the E1 Transmit Framer block will
fill up the time slot 16 octet with the signaling bits stored inside the TSCR registers. The insertion of signaling
bit into PCM data is done on a per-channel basis. The most significant bit (Bit 7) of TSCR register is used to
store Signaling bit A. Bit 6 is used to hold Signaling bit B. Bit 5 is used to hold Signaling bit C. Bit 4 is used to
hold Signaling bit D.
7.6
Insert/Extract Signaling Bits from TxCHN[0]_n/TxSIG Pin
The XRT86VL3x framer can be configured to insert/extract signaling bits provided by external equipment
through the external signaling bus. When the Fractional E1 mode is enabled, this bus is configured as TxSIG
and RxSIG. These pins act as an the signaling bus for the outbound E1 frames.
Figure 75 shows a timing diagram of the TxSIG input pin. Figure 76 shows a timing diagram of the RxSIG
output pin. Please note that the Signaling Bit A of a certain channel coincides with Bit 5 of the PCM data of that
channel; Signaling Bit B coincides with Bit 6 of the PCM data; Signaling Bit C coincides with Bit 7 of the PCM
data and Signaling Bit D coincides with Bit 8 (LSB) of the PCM data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com