Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 93 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 93 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 89Page - Exar Corporation XRT86VL32IB Datasheet HTML 90Page - Exar Corporation XRT86VL32IB Datasheet HTML 91Page - Exar Corporation XRT86VL32IB Datasheet HTML 92Page - Exar Corporation XRT86VL32IB Datasheet HTML 93Page - Exar Corporation XRT86VL32IB Datasheet HTML 94Page - Exar Corporation XRT86VL32IB Datasheet HTML 95Page - Exar Corporation XRT86VL32IB Datasheet HTML 96Page - Exar Corporation XRT86VL32IB Datasheet HTML 97Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 153 page
background image
XRT86VL3X
86
REV. 1.2.2
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
In Extended Super-Frame framing mode, frame number 6, 12, 18 and 24 are signaling frames. In these
frames, the least significant bit of all twenty-four timeslots is 'robbed' to carry call state information. The bit in
frame 6 is called the A bit, the bit in frame 12 is called the B bit, the bit in frame 18 is called the C bit and the bit
in frame 24 is called the D bit. The combination of A, B, C and D defines the state of the call for the particular
timeslot that these signaling bits are located in.
8.3.1
Configure the framer to transmit Robbed-bit Signaling
The XRT86VL3x framer supports transmission of Robbed-bit Signaling in ESF, SF and SLC®96 framing
formats. Signaling bits can be inserted into the outgoing DS1 frame through the following:
• Signaling data is inserted from Transmit Signaling Control Registers (TSCR) of each timeslot
• Signaling data is inserted from TxSig_n pin
• Signaling data is embedded into the input PCM data coming from the Terminal Equipment
8.3.2
Insert Signaling Bits from TSCR Register
The four most significant bits of the Transmit Signaling Control Register (TSCR) of each timeslot can be used
to store outgoing signaling data. The user can program these bits through the microprocessor access. If the
XRT86VL3x framer is configured to insert signaling bits from the TSCR registers, the DS1 Transmit Framer
block will strip off the least significant bits of each time slot in the signaling frames and replace it with the
signaling bit stored inside the TSCR registers. The insertion of signaling bits into PCM data is done on a per-
channel basis.
In SF or SLC®96 mode, the user can control the XRT86VL3x framer to transmit no signaling (transparent),
two-code signaling, or four-code signaling. Two-code signaling is done by substituting the least significant bit
(LSB) of the specific channel in frame 6 and 12 with the content of the Signaling bit A of the specific TSCR
register.
Four-code signaling is done by substituting the LSB of channel data in frame 6 with the Signaling bit A and the
LSB of channel data in frame 12 with the Signaling bit B of the specific channel's TSCR register. If sixteen-code
signaling is selected in SF format, only the Signaling bit A and Signaling bit B information are used.
In ESF mode, the user can control the XRT86VL3x framer to transmit no signaling (transparent) by disable
signaling insertion, two-code signaling, four-code signaling or sixteen code signaling. Two-code signaling is
done by substituting the least significant bit (LSB) of the specific channel in frame 6, 12, 18 and 24 with the
content of the Signaling bit A of the specific TSCR register.
Four-code signaling is done by substituting the LSB of channel data in frame 6 and frame 18 with the Signaling
bit A and the LSB of channel data in frame 12 and frame 24 with the Signaling bit B of the specific channel's
TSCR register.
FRAME NUMBER
SIGNALING BIT
6
A
12
B
FRAME NUMBER
SIGNALING BIT
6
A
12
B
18
C
24
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com