Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 22 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 22 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 18Page - Exar Corporation XRT86VL32IB Datasheet HTML 19Page - Exar Corporation XRT86VL32IB Datasheet HTML 20Page - Exar Corporation XRT86VL32IB Datasheet HTML 21Page - Exar Corporation XRT86VL32IB Datasheet HTML 22Page - Exar Corporation XRT86VL32IB Datasheet HTML 23Page - Exar Corporation XRT86VL32IB Datasheet HTML 24Page - Exar Corporation XRT86VL32IB Datasheet HTML 25Page - Exar Corporation XRT86VL32IB Datasheet HTML 26Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 153 page
background image
XRT86VL3X
15
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
REV. 1.2.2
1.12
High-Speed Non-Multiplexed Interface
The speed of transferring data through a back plane interface in a non-multiplexed manner typically operates
at 1.544Mbps, 2.048Mbps, 4.096Mbps, or 8.192Mbps. For 12.352Mbps and 16.384Mbps, see the High-Speed
Multiplexed Section. The T1/E1 carrier signal out to or in from the line interface is always 1.544MHz and
2.048MHz respectively. However, the back plane interface may be synchronous to a “Higher” speed clock.
For T1, as shown in Figure 18, is mapped into an E1 frame. Therefore, every fourth time slot contains non-
valid data. For E1, as shown in Figure , is simply synchronized to the “Higher” 8.192MHz clock signal supplied
to the TxMSYNC input pin.
FIGURE 18. T1 HIGH-SPEED NON-MULTIPLEXED INTERFACE
FIGURE 19. E1 HIGH-SPEED NON-MULTIPLEXED INTERFACE
TxSER
TxMSYNC
2.048MHz
TxSERCLK
(1.544MHz)
TxSYNC
Non-Multiplexed High Speed Interface (2.048MHz/4.096MHz/8.192MHz)
F
Don't Care
TS 1
TS 2
TS 3
TS 4
TS 5
Don't Care
TxSER
TxMSYNC
(8.192MHz)
TxSERCLK
(2.048MHz)
TxSYNC
Non-Multiplexed High Speed Interface (2.048MHz/4.096MHz/8.192MHz)
TS 1
TS 2
TS 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com