Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 42 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 42 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 38Page - Exar Corporation XRT86VL32IB Datasheet HTML 39Page - Exar Corporation XRT86VL32IB Datasheet HTML 40Page - Exar Corporation XRT86VL32IB Datasheet HTML 41Page - Exar Corporation XRT86VL32IB Datasheet HTML 42Page - Exar Corporation XRT86VL32IB Datasheet HTML 43Page - Exar Corporation XRT86VL32IB Datasheet HTML 44Page - Exar Corporation XRT86VL32IB Datasheet HTML 45Page - Exar Corporation XRT86VL32IB Datasheet HTML 46Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 153 page
background image
XRT86VL3X
35
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
REV. 1.2.2
4.1.3
Configure the DS1 Transmit Overhead Input Interface module as source of the Signaling
Framing (Fs) bits in N or SLC®96 framing format mode
The Fs bits in SLC®96 and N framing format mode can be inserted from:
• DS1 Transmit Overhead Input Interface Block
• DS1 Transmit HDLC Controller
• DS1 Transmit Serial Input Interface.
The Transmit Data Link Source Select bits of the Transmit Data Link Select Register (TDLSR) controls the
insertion of data link bits into the Fs bits in N or SLC®96 framing format mode. The table below shows
configuration of the Transmit Data Link Source Select bits of the Transmit Data Link Select Register (TDLSR).
If the Transmit Data Link Source Select bits of the Transmit Data Link Select Register are set to 10, the
Transmit Overhead Input Interface Block becomes input source of the Fs bits.
FIGURE 35. DS1 TRANSMIT OVERHEAD INPUT INTERFACE TIMING IN ESF FRAMING FORMAT MODE
TRANSMIT DATA LINK SELECT REGISTER (TDLSR) (ADDRESS = 0XN10AH)
BIT
NUMBER
BIT NAME
BIT TYPE
BIT DESCRIPTION
1-0
Transmit Data Link
Source Select
R/W
00 - The Signaling Framing bits are inserted into the framer through either
the LAPD controller or the SLC®96 buffer.
01 - The Signaling Framing bits are inserted into the framer through the
Transmit Serial Data input Interface via the TxSer_n pins.
10 - The Signaling Framing bits are inserted into the framer through the
Transmit Overhead Input Interface via the TxOH_n pins.
11 - The Signaling Framing bits are forced to one by the framer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com