Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 81 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 81 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 77Page - Exar Corporation XRT86VL32IB Datasheet HTML 78Page - Exar Corporation XRT86VL32IB Datasheet HTML 79Page - Exar Corporation XRT86VL32IB Datasheet HTML 80Page - Exar Corporation XRT86VL32IB Datasheet HTML 81Page - Exar Corporation XRT86VL32IB Datasheet HTML 82Page - Exar Corporation XRT86VL32IB Datasheet HTML 83Page - Exar Corporation XRT86VL32IB Datasheet HTML 84Page - Exar Corporation XRT86VL32IB Datasheet HTML 85Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 153 page
background image
XRT86VL3X
74
REV. 1.2.2
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
The mapping of T1 frame into E1 framing format is shown in the table below.
8.2.2
Non-Multiplexed High-Speed Mode
When the Back-plane interface data rate is MVIP 2.048Mbit/s, 4.096Mbit/s and 8.192Mbit/s, the interface
signals are all configured as inputs, except the receive serial data on RxSER and the multi frame sync pulse
(RxMSYNC) provided by the framer. The Transmit Serial Clock for each channel is always an input clock with
frequency of 1.544 MHz for all data rates so that it may be used as the timing reference for the transmit line
rate. The TxMSYNC signal is configured as the Transmit Input Clock with frequencies of 2.048 MHz, 4.096
MHz and 8.192 MHz respectively. It serves as the primary clock source for the High-speed Back-plane
Interface. Figure 81 shows how to connect the Transmit non-multiplexed high-speed Input Interface block to
local Terminal Equipment. Figure 82 shows how to connect the Receive non-multiplexed high-speed Output
Interface to local Terminal Equipment.
TABLE 6: MAPPING A T1 FRAME INTO AN E1 FRANE
T1
F-Bit
TS0
TS1
TS2
Don't Care Bits
TS3
TS4
TS5
E1
TS0
TS1
TS2
TS3
TS4
TS5
TS6
TS7
T1
Don't Care Bits
TS6
TS7
TS8
Don't Care Bits
TS9
TS10
TS11
E1
TS8
TS9
TS10
TS11
TS12
TS13
TS14
TS15
T1
Don't Care Bits
TS12
TS13
TS14
Don't Care Bits
TS15
TS16
TS17
E1
TS16
TS17
TS18
TS19
TS20
TS21
TS22
TS23
T1
Don't Care Bits
TS18
TS19
TS20
Don't Care Bits
TS21
TS22
TS23
E1
TS24
TS25
TS26
TS27
TS28
TS29
TS30
TS31
FIGURE 81. TRANSMIT NON-MULTIPLEXED HIGH-SPEED CONNECTION TO LOCAL TERMINAL EQUIPMENT USING MVIP
2.048MBIT/S, 4.096MBIT/S, OR 8.192MBIT/S
TxSERCLK0
TxSER0
TxINCLK0
TxSYNC0
Transmit
Payload
Data Input
Interface
Chn 0
Transmit
Payload
Data Input
Interface
Chn N
Terminal
Equipment
XRT86VL3x
TxSERCLKn
TxSERn
TxINCLKn
TxSYNCn
TxINCLK = 2.048/4.096/8.192MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com