Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 67 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 67 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 63Page - Exar Corporation XRT86VL32IB Datasheet HTML 64Page - Exar Corporation XRT86VL32IB Datasheet HTML 65Page - Exar Corporation XRT86VL32IB Datasheet HTML 66Page - Exar Corporation XRT86VL32IB Datasheet HTML 67Page - Exar Corporation XRT86VL32IB Datasheet HTML 68Page - Exar Corporation XRT86VL32IB Datasheet HTML 69Page - Exar Corporation XRT86VL32IB Datasheet HTML 70Page - Exar Corporation XRT86VL32IB Datasheet HTML 71Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 153 page
background image
XRT86VL3X
60
REV. 1.2.2
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
7.2
Transmit/Receive High-Speed Back-Plane Interface
The High-speed Back-plane Interface supports payload data to be taken from or presented to the Terminal
Equipment at different data rates. In the non-multiplexed mode, payload data of each channel are interfaced to
the Terminal Equipment separately.
Each channel uses its own serial clock, serial data, single-frame
synchronization signal and multi-frame synchronization signals.
7.2.1
Non-Multiplexed High-Speed Mode
When the Back-plane interface data rate is MVIP 2.048Mbit/s, 4.096Mbit/s and 8.192Mbit/s, the interface
signals are all configured as inputs, except the receive serial data on RxSER and the multi frame sync pulse
provided by the framer. The Transmit Serial Clock for each channel is always an input clock with frequency of
2.048 MHz for all data rates so that it may be used as the timing reference for the transmit line rate. The
TxMSYNC signal is configured as the Transmit Input Clock with frequencies of 2.048 MHz, 4.096 MHz and
8.192 MHz respectively. It serves as the primary clock source for the High-speed Back-plane Interface.
Figure 65
shows how to connect the Transmit non-multiplexed high-speed Input Interface block to local
Terminal Equipment.
Figure 66
shows how to connect the Receive non-multiplexed high-speed Output
Interface to local Terminal Equipment.
FIGURE 64. WAVEFORMS FOR CONNECTING THE RECEIVE PAYLOAD DATA INPUT INTERFACE BLOCK TO LOCAL TER-
MINAL
EQUIPMENT
C
RxSerClk
RxSer
RxSync(output)
RxCHClk
RxCHN[4:0]
RxCHN[0]/RxSig
RxCHClk
RxCHN[2]/RxChn
RxCHN[1]/RxFrTD
c1 c2 c3 c4 c5
c1 c2 c3 c4 c5
c1 c2 c3 c4 c5
c1 c2 c3 c4 c5
8
7
6
5
4
3
2
1
A B
D
C
A B
D
C
A B
D
C
A B
D
Input Data
Input Data
Timeslot 31
Timeslot 0
Timeslot 5
Timeslot 6
Timeslot #0
Timeslot #5
Timeslot #6
Timeslot #31
Rx Fractional Enable Bit = 0
Rx Fractional Enable Bit = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com