Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 20 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 20 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 16Page - Exar Corporation XRT86VL32IB Datasheet HTML 17Page - Exar Corporation XRT86VL32IB Datasheet HTML 18Page - Exar Corporation XRT86VL32IB Datasheet HTML 19Page - Exar Corporation XRT86VL32IB Datasheet HTML 20Page - Exar Corporation XRT86VL32IB Datasheet HTML 21Page - Exar Corporation XRT86VL32IB Datasheet HTML 22Page - Exar Corporation XRT86VL32IB Datasheet HTML 23Page - Exar Corporation XRT86VL32IB Datasheet HTML 24Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 153 page
background image
XRT86VL3X
13
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
REV. 1.2.2
FIGURE 15. T1 EXTERNAL OVERHEAD DATALINK BUS
FIGURE 16. E1 OVERHEAD EXTERNAL DATALINK BUS
TxSYNC
TxOHclk
(4kHz)
TxOH
Frame1
Frame6
Frame5
Frame4
Frame2
Frame3
Datalink Bit
Datalink Bit
Datalink Bit
TxSYNC
TxOHclk
TxOH
Non-FAS Frame
FAS Frame
Si
TxSER
1A S
a4Sa7Sa8
S
a6
S
a5
S
a4
S
a7Sa8
If S
a4, Sa7, and Sa8 are Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com