Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 23 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 23 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 19Page - Exar Corporation XRT86VL32IB Datasheet HTML 20Page - Exar Corporation XRT86VL32IB Datasheet HTML 21Page - Exar Corporation XRT86VL32IB Datasheet HTML 22Page - Exar Corporation XRT86VL32IB Datasheet HTML 23Page - Exar Corporation XRT86VL32IB Datasheet HTML 24Page - Exar Corporation XRT86VL32IB Datasheet HTML 25Page - Exar Corporation XRT86VL32IB Datasheet HTML 26Page - Exar Corporation XRT86VL32IB Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 153 page
background image
XRT86VL3X
16
REV. 1.2.2
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
1.13
High-Speed Multiplexed Interface
In addition to the non-multiplexed mode, the framer can interface through the backplane in a high-speed
multiplexed application, either through a bit-muxed or byte-muxed (in HMVIP or H.100) manner. In this mode,
the chip is divided into two multiplexed blocks, four channels per block. For T1, the high speed multiplexed
modes are 12.352Mbps (bit-muxed, TxSYNC is “High” during the F-bit), 16.384Mbps (bit-muxed, TxSYNC is
“High” during the F-bit), 16.384Mbps (HMVIP: byte-muxed, TxSYNC is “High” during the last 2-bits of the
previous frame and the first 2-bits of the current frame), or 16.384Mbps (H.100: byte-muxed, TxSYNC is “High”
during the last bit of the previous frame and the first bit in the current frame). For E1 mode, the only mode that
is not supported is the 12.352Mbps. The only other difference is that the F-bit (for T1 mode) becomes the first
bit of the E1 frame. Figure 20 is a simplified block diagram of transmit bit-muxed application. Figure 21 is a
simplified block diagram of receive bit-muxed application. Although the data is only applied to channel 4 or
channel 0, the TxSERCLK is necessary for all channels so that the transmit line rate is always equal to the T1/
E1 carrier rate.
FIGURE 20. TRANSMIT HIGH-SPEED BIT MULTIPLEXED BLOCK DIAGRAM
FIGURE 21. RECEIVE HIGH-SPEED BIT MULTIPLEXED BLOCK DIAGRAM
TxSER4
TxMSYNC4
(16.384MHz)
TxSERCLK4
(2.048MHz)
TxSERCLK5
(2.048MHz)
TxSERCLK6
(2.048MHz)
TxSERCLK7
(2.048MHz)
TTIP/TRing4
TTIP/TRing5
TTIP/TRing6
TTIP/TRing7
4b0
4b0
5b0 5b0
6b0 6b0
7b0
7b0
4b1
4b1
5b1 5b1
6b1 6b1
7b1
7b1
4b2
4b2
5b2 5b2
6b2 6b2
7b2
7b2
4b0
4b1
4b2
5b0
5b1
5b2
6b0
6b1
6b2
7b0
7b1
7b2
DMUX
TxSYNC4
Bit Interleaved Multiplexed Mode
RxSER4
RxSERCLK4
(16.384MHz)
RxLineClk4
(2.048MHz)
RxLineClk5
(2.048MHz)
RxLineClk6
(2.048MHz)
RxLineClk7
(2.048MHz)
RTIP/RRing4
RTIP/RRing5
RTIP/RRing6
RTIP/RRing7
4b0 0
0
5b0
0
6b0
7b0 0 4b1 0
0
5b1
0
6b1
7b1 0 4b2 0
0
5b2
0
6b2
7b2 0
4b0 4b1 4b2
5b0 5b1 5b2
6b0 6b1 6b2
7b0 7b1 7b2
MUX
RxSYNC4
Bit Interleaved Multiplexed Mode
RZ Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com