| Electronic Components Datasheet Search |
|
XRT86VL32IB Datasheet(PDF) 52 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT86VL32IB Datasheet(HTML) 52 Page - Exar Corporation |
|
52 / 153 page ![]() XRT86VL3X 45 T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION REV. 1.2.2 4.5 E1 Receive Overhead Interface 4.5.1 Description of the E1 Receive Overhead Output Interface Block The E1 Receive Overhead Output Interface Block will allow an external device to be the consumer of the E1 National bit sequence. This interface provides interface signals and required interface timing to shift out proper data link information at proper time. The Receive Overhead Output Interface for a given Framer consists of two signals. • RxOHClk_n: The Receive Overhead Output Interface Clock Output signal • RxOH_n: The Receive Overhead Output Interface Output signal. The Receive Overhead Output Interface Clock Output pin (RxOHCLK_n) generates a rising clock edge for each National bit that is configured to carry Data Link information according to setting of the framer. The data link bits extracted from the incoming E1 frames are outputted from the Receive Overhead Output Interface Output pin (RxOH_n) before the rising edge of RxOHClk_n. The Data Link equipment should sample and latch the data link bits at the rising edge of RxOHClk_n. The figure below shows block diagram of the Receive Overhead Output Interface of XRT86VL3x. 4.5.2 Configure the E1 Receive Overhead Output Interface module as source of the National Bit Sequence in E1 framing format mode The National Bit Sequence in E1 framing format mode can be extracted and directed to: • E1 Receive Overhead Output Interface Block • E1 Receive HDLC Controller • E1 Receive Serial Output Interface The purpose of the Receive Overhead Output Interface is to permit Data Link equipment to have direct access to the Sa4 through Sa8 National bits that are extracted from the incoming E1 frames. Independent of the availability of the E1 Receive HDLC Controller module, the XRT86VL3x always output the received National bits through the Receive Overhead Output Interface block. The XRT86VL3x allows the user to decide on the following: • How many of the National Bits is used to carry the Data Link information bits • Which of these National Bits is used to carry the Data Link information bits. The Receive Sa Data Link Select bits of the Receive Signaling and Data Link Select Register (TSDLSR) determine which ones of the National bits are configured as Data Link bits in E1 framing format mode. Depending upon the configuration of the Receive Signaling and Data Link Select Register, either of the following cases may exists: • None of the received National bits are used to transport the Data Link information bits (That is, data link channel of XRT86VL3x is inactive). • Any combination of between 1 and all 5 of the received National bits are used to transport the Data Link information bits. FIGURE 44. BLOCK DIAGRAM OF THE E1 RECEIVE OVERHEAD OUTPUT INTERFACE OF XRT86VL3X Receive Overhead Output Interface RxOH_n RxOHClk_n From Receive Framer Block |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |