Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 90 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 90 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 86Page - Exar Corporation XRT86VL32IB Datasheet HTML 87Page - Exar Corporation XRT86VL32IB Datasheet HTML 88Page - Exar Corporation XRT86VL32IB Datasheet HTML 89Page - Exar Corporation XRT86VL32IB Datasheet HTML 90Page - Exar Corporation XRT86VL32IB Datasheet HTML 91Page - Exar Corporation XRT86VL32IB Datasheet HTML 92Page - Exar Corporation XRT86VL32IB Datasheet HTML 93Page - Exar Corporation XRT86VL32IB Datasheet HTML 94Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 153 page
background image
XRT86VL3X
83
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
REV. 1.2.2
T1 Receive Multiplexed Mode
The interface consists of the following pins:
• Data Output (RxSer_n)
• Receive Serial Clock Input signal (RxSerClk_n)
• Receive Single-frame Synchronization Input signal (RxSync_n)
The Receive Back-plane Interface is pumping out data through RxSer_0 or RxSer_4 pins at 12.352Mbit/s or
16.384Mbit/s. It multiplexes payload and signaling data of every four channels into one data stream. Payload
and signaling data of Channel 0-3 are multiplexed onto the Receive Serial Data pin of Channel 0. Payload and
signaling data of Channel 4-7 are multiplexed onto the Receive Serial Data pin of Channel 4.
Free-running clocks of 12.352MHz or 16.384MHz are supplied to the Receive Serial Clock pin of Channel 0
and Channel 4 of the framer. The Receive High-speed Back-plane Interface of the farmer provides data at
rising edge of this Receive Serial Clock. The local Terminal Equipment then latches incoming serial data at
falling edge of the clock. Figure 89 shows the interface of the Recieve Payload Data Output Interface Block to
the Terminal Equipment.
The multiplexed data output on RxSER_0 or RxSER_4 are very similar to the Multiplexed data input on
TxSER_0 or TxSER_4 except when the receive framer is running at 12.352MHz or 16.384MHz Bit-Multiplexed
mode. When the receive framer is running at 12MHz or 16MHz Bit-Multiplexed mode, the multiplexed data on
RxSER_0 or RxSER_4 are return-to-zero data when the receive framer is processing the first four bits of each
time slot data of each channel, as shown in Figure 90 and Figure 91. Figure 92 shows the timing signal when
the receive framer is running at HMVIP or H.100 16.384 MHz mode.
FIGURE 88. TIMING SIGNALS WHEN THE TRANSMIT FRAMER IS RUNNING AT HMVIP / H.100 16.384MHZ MODE
TxInClk (16.384MHz)
TxInClk (INV)
TxSer
1
2
1
2
5
2 52
1
0 10 20 20
3
0
4
0
3
0
4
0
5
0 50 60 60
7
3 73 83 83
F
0
F
0
F
0
F
0
F
0 F0 F0 F0
56 cycles
5
3 53 63 63 73 73 83 83
0
0
A
2 A2
0 0 0 0
0
A
0
0
A
0
B
0 B0
C
3C3D3D3
1
1
1
1
1 1 1 1
56 cycles
A
3 A3 B3 B3 C3 C3D3D3
TxSig
TxSync(input)
HMVIP, negative sync
TxSync(input)
HMVIP, positive sync
Start of Frame
X
y : X is the bit number and y is the channel number
TxSync(input)
H.100, negative sync
TxSync(input)
H.100, positive sync
Delayer H.100
TxSync(input)
H.100, negative sync
TxSync(input)
H.100, positive sync
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com