Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 63 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 63 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 59Page - Exar Corporation XRT86VL32IB Datasheet HTML 60Page - Exar Corporation XRT86VL32IB Datasheet HTML 61Page - Exar Corporation XRT86VL32IB Datasheet HTML 62Page - Exar Corporation XRT86VL32IB Datasheet HTML 63Page - Exar Corporation XRT86VL32IB Datasheet HTML 64Page - Exar Corporation XRT86VL32IB Datasheet HTML 65Page - Exar Corporation XRT86VL32IB Datasheet HTML 66Page - Exar Corporation XRT86VL32IB Datasheet HTML 67Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 153 page
background image
XRT86VL3X
56
REV. 1.2.2
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
6.2.3
FLSD (FIFO Limit Status Detection)
The purpose of the FIFO limit status is to indicate when the Read and Write FIFO pointers are within a pre-
determined range (over-flow or under-flow indication). The FLSD is set to "1" if the FIFO Read and Write
Pointers are within ±3-Bits.
6.2.4
Receive Jitter Attenuator
The receive path has a dedicated jitter attenuator to reduce phase and frequency jitter in the recovered clock.
The jitter attenuator uses a data FIFO (First In First Out) with a programmable depth of 32-bit or 64-bit. If the
LIU is used for line synchronization (loop timing systems), the JA should be enabled in the receive path. When
the Read and Write pointers of the FIFO are within 2-Bits of over-flowing or under-flowing, the bandwidth of the
jitter attenuator is widened to track the short term input jitter, thereby avoiding data corruption. When this
condition occurs, the jitter attenuator will not attenuate input jitter until the Read/Write pointer’s position is
outside the 2-Bit window. In T1 mode, the bandwidth of the JA is always set to 3Hz. In E1 mode, the
bandwidth is programmable to either 10Hz or 1.5Hz (1.5Hz automatically selects the 64-Bit FIFO depth). The
JA has a clock delay equal to ½ of the FIFO bit depth.
NOTE: The Transmit Path has a dedicated jitter attenuator. See the Transmit Path Line Interface Section.
6.2.5
RxMUTE (Receiver LOS with Data Muting)
The receive muting function can be selected by setting RxMUTE to "1" in the appropriate global register. If
selected, any channel that experiences an RLOS condition will automatically pull the output of the LIU section
"Low" to prevent data chattering. If RLOS does not occur, the RxMUTE will remain inactive until an RLOS on a
given channel occurs. The default setting for RxMUTE is "0" which is disabled. A simplified block diagram of
the RxMUTE function is shown in Figure 60.
FIGURE 59. PROCESS BLOCK FOR AUTOMATIC LOOP CODE DETECTION
Automatic Remote
Loopback
Loop-Up
Code for
5 sec?
Yes
No
Loop-Down
Code for
5 sec?
No
Yes
Disable Remote
Loopback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com