Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 89 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 89 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 85Page - Exar Corporation XRT86VL32IB Datasheet HTML 86Page - Exar Corporation XRT86VL32IB Datasheet HTML 87Page - Exar Corporation XRT86VL32IB Datasheet HTML 88Page - Exar Corporation XRT86VL32IB Datasheet HTML 89Page - Exar Corporation XRT86VL32IB Datasheet HTML 90Page - Exar Corporation XRT86VL32IB Datasheet HTML 91Page - Exar Corporation XRT86VL32IB Datasheet HTML 92Page - Exar Corporation XRT86VL32IB Datasheet HTML 93Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 153 page
background image
XRT86VL3X
82
REV. 1.2.2
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XY: The Xth payload bit of Channel Y
4. When the framer is running at HMVIP 16.384MBit/s byte-mulitplexed mode, signaling information is
inserted from the TxSig/TxCHN[0] pin or from the TSCR register (0xn340-n357). When the local terminal
is sending the fifth payload bit of one channel, signaling bit A of that corresponding channel is repeated
and sent through the TxSig/TxCHN[0] pin; Similarly, signaling bit B, C, and D of the corresponding channel
is repeated and sent through the TxSig/TxCHN[0] pin when the local terminal is providing the sixth, sev-
enth, and eighth payload bit respectively, as shown in Figure .
5. After payload bits of Timeslot 0, 1 and 2 of all four channels are sent, the Terminal Equipment should stuff
another eight octets (sixty-four bits) of "don't care" data into the outgoing data stream.
6. Following the same rules of Step 2 to 5, the local Terminal Equipment stuffs eight octets of "don't care" data
after sending twenty-four octets of multiplexed payload and signaling data. A 16.384Mbit/s data stream is
thus created.
For HMVIP mode, the Transmit Single-frame Synchronization signal should pulse HIGH for four clock cycles
(the last two bit positions of the previous multiplexed frame and the first two bits of the next multiplexed frame)
indicating frame boundary of the multiplexed data stream. For H.100 mode, TxSYNC should pulse HIGH for
two clock cycles (the last bit position of the previous multiplexed frame and the first bit of the next multiplexed
frame). The Transmit Single-frame Synchronization signal of Channel 0 pulses HIGH to identify the start of
multiplexed data stream of Channel 0-3. The Transmit Single-frame Synchronization signal of Channel 4
pulses HIGH to identify the start of multiplexed data stream of Channel 4-7. By sampling the HIGH pulse on the
Transmit Single-frame Synchronization signal, the framer can position the beginning of the multiplexed DS1
frame. It is responsibility of the Terminal Equipment to align the multiplexed transmit serial data with the
Transmit Single-frame Synchronization pulse.
Inside the framer, all the "don't care" bits will be stripped away. The framing bits, signaling and payload data are
de-multiplexed inside the XRT86VL3x and send to each individual channel. These data will be processed by
each individual framer and send to LIU interface. The local Terminal Equipment provides a free-running
1.544MHz clock to the Transmit Serial Input clock of each channel. The framer will use this clock to carry the
processed payload and signaling data to the transmit section of the device.
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
13
13
23
23
33
33
43
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com