| Electronic Components Datasheet Search |
|
XRT86VL32IB Datasheet(PDF) 99 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT86VL32IB Datasheet(HTML) 99 Page - Exar Corporation |
|
99 / 153 page ![]() XRT86VL3X 92 REV. 1.2.2 T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION The table below shows configurations of the Alarm and Error Interrupt Enable bit of the Block Interrupt Enable Register. When these interrupt enable bits are set and Red Alarm is present in the incoming DS1 frame, the XRT86VL3x framer will declare Red Alarm by doing the following: • Set the read-only Receive Red Alarm State bit of the Alarm and Error Status Register (AESR) to one indicating there is Red Alarm detected in the incoming DS1 frame. • Set the Receive Red Alarm State Change bit of the Alarm and Error Status Register to one indicating there is a change in state of Red Alarm. This status indicator is valid until the Framer Interrupt Status Register is read. Reading this register clears the associated interrupt if Reset-Upon-Read is selected in Interrupt Control Register (ICR). Otherwise, a write-to-clear operation by the microprocessor is required to reset these status indicators. The table below shows the Receive Red Alarm State Change status bits of the Alarm and Error Status Register. The Receive Red Alarm State bit of the Alarm and Error Status Register (AESR), on the other hand, is a read- only bit indicating there is Red Alarm detected in the incoming DS1 frame. The table below shows the Receive Red Alarm State status bits of the Alarm and Error Status Register. 9.3 Yellow Alarm The Alarm indication logic within the Receive Framer block of the XRT86VL3x framer monitors the incoming DS1 frames for Yellow Alarm condition. The yellow alarm is detected and declared according to the following procedure: BLOCK INTERRUPT ENABLE REGISTER (BIER) (ADDRESS = 0XNB01H) BIT NUMBER BIT NAME BIT TYPE BIT DESCRIPTION 1 Alarm and Error Interrupt Enable R/W 0 - Every interrupt generated by the Alarm and Error Interrupt Status Reg- ister (AEISR) is disabled. 1 - Every interrupt generated by the Alarm and Error Interrupt Status Reg- ister (AEISR) is enabled. ALARM AND ERROR STATUS REGISTER (AESR) (ADDRESS = 0XNB02H) BIT NUMBER BIT NAME BIT TYPE BIT DESCRIPTION 2 Receive Red Alarm State Change RUR / WC 0 - There is no change of Red Alarm state in the incoming DS1 payload data. 1 - There is change of Red Alarm state in the incoming DS1 payload data. ALARM AND ERROR STATUS REGISTER (AESR) (ADDRESS = 0XNB02H) BIT NUMBER BIT NAME BIT TYPE BIT DESCRIPTION 7 Receive Red Alarm State R 0 - There is no Red Alarm condition detected in the incoming DS1 payload data. 1 - There is Red Alarm condition detected in the incoming DS1 payload data. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |