Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 39Page - NXP Semiconductors SC4000 Datasheet HTML 40Page - NXP Semiconductors SC4000 Datasheet HTML 41Page - NXP Semiconductors SC4000 Datasheet HTML 42Page - NXP Semiconductors SC4000 Datasheet HTML 43Page - NXP Semiconductors SC4000 Datasheet HTML 44Page - NXP Semiconductors SC4000 Datasheet HTML 45Page - NXP Semiconductors SC4000 Datasheet HTML 46Page - NXP Semiconductors SC4000 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
2000 Sep 07
43
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
t10
SD_[15:0] setup to SCLK
↓ (C_16 = 0)
t11
SD_[15:0] hold from SCLK
↓ (C_16 = 0)
t12
SD_[15:0] setup to SCLKX2N
↑ (C_16 = 1)
t13
SD_[15:0] hold from to SCLKX2N
↑ (C_16 = 1)
t14
MC_CLK delay from SCLK
t15
TXD setup to MC_CLK
↑ (C_12 = 1)
t16
TXD hold from MC_CLK
↑ (C_12 = 1)
t17
MC delay from MC_CLK
↑ (C_12 = 1)
t18
MC delay from TXD (C_12 = 0)
t19
RXD delay from MC
Notes
1. Timing measured with 100 pF load on all Local Bus outputs, 200 pF load on all SCbus outputs.
2. MC timing measured with 200 pF, 470
Ω pull-up (4.7 kΩ/10). Open collector low to high transitions include 15 ns + 60 ns delay from hi-Z to 3 V.
3. Timing is equivalent when Alternate SCbus signals are selected (C_2=1).
Symbol
Parameter
Min
Typ
Max
Unit
10
ns
10
ns
10
ns
10
ns
10
ns
10
ns
015
ns
075
ns
075
ns
015
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com