Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 41Page - NXP Semiconductors SC4000 Datasheet HTML 42Page - NXP Semiconductors SC4000 Datasheet HTML 43Page - NXP Semiconductors SC4000 Datasheet HTML 44Page - NXP Semiconductors SC4000 Datasheet HTML 45Page - NXP Semiconductors SC4000 Datasheet HTML 46Page - NXP Semiconductors SC4000 Datasheet HTML 47Page - NXP Semiconductors SC4000 Datasheet HTML 48Page - NXP Semiconductors SC4000 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
2000 Sep 07
45
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
Figure 14. SCbus Clock Fail Timing
Table 14. SCbus Clock Fail Timing
Symbol
Parameter
Min
Typ
Max
Unit
t1
CLKFAIL delay from SCLK
↑
-5
5
ns
t2a
CLKFAIL period (C_[5:4] = 0X)
ns
t2b
CLKFAIL period (C_[5:4] = 10)
ns
t2c
CLKFAIL period (C_[5:4] = 11)
ns
t3
SCLKX2N, SCLK, FSYNCN float delay from CLKFAIL float
ns
t4
SCLKX2N, SCLK, FSYNCN valid delay from CLKFAIL
↓
10
ns
Note
1. Timing measured with 200 pF load on all SCbus outputs.
Bit 8
Bit 1
Bit 2
SCLKX2N
SCLK
FSYNCN
CLKFAIL
SD_[15:0]
MC
t2
t1
t3
t3
t3
t4
t4
t4
Frame Boundary
15
488
244
122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com