Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 3Page - NXP Semiconductors SC4000 Datasheet HTML 4Page - NXP Semiconductors SC4000 Datasheet HTML 5Page - NXP Semiconductors SC4000 Datasheet HTML 6Page - NXP Semiconductors SC4000 Datasheet HTML 7Page - NXP Semiconductors SC4000 Datasheet HTML 8Page - NXP Semiconductors SC4000 Datasheet HTML 9Page - NXP Semiconductors SC4000 Datasheet HTML 10Page - NXP Semiconductors SC4000 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
2000 Sep 07
7
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
FEATURES
• Timeslot interchange between local
and expansion buses
• Architecture optimized for call pro-
cessing environments: SCbus™,
MVIP® and ST-BUS Compatible
• Full switching between any of:
– 128 local bus input SI timeslots
– 128 local bus output SO timeslots
– up to 2048 expansion bus SD
timeslots
• Multiple local bus speeds and
formats:
– 2.048, 4.096 or 8.192 Mb/s
– PEB®, STbus or GCI
• Supports both Intel® and Motorola®
processor interfaces
• Serial or parallel access to expansion
bus
• Enhanced input hysteresis threshold
• Internal phased lock loop
• Fast response and support for SCbus
clock fallback
• Flexible local frame sync interface
• Supports hyper channel capability
(bundling)
• SCbus message bus interface and local
loopback control
• High availability and self-diagnostic
features
• 5V CMOS technology
• 100-pin TQFP package
APPLICATIONS
• PC-based switching
• Small to medium size digital switch
matrices
• SCbus/MVIP interface functions
• Digital centralized voice processing
system
• Voice/Data multiplexer and exchange
• Computer telephony interface
Logic Pin Organization
D_7
D_6
D_5
D_4
D_3
D_2
D_1
D_0
A_8
A_7
A_6
A_5
A_4
A_3
A_2
A_1
A_0
ALE
CS_1_N
CS_0_N
RD_N(STRB_N)
WR_N(R/W_N)
DACK_N
RESET
I_N(M)
X_IN
X_OUT
REF_8K_3(REF_8K_OUT)
REF_8K_2(CLK_IN)
REF_8K_1
REF_8K_0
SI_3
SI_2
SI_1
SI_0
TXD_0
TEST
INT_1
INT_0
(TEST_OUT_0)DRQ_R
(TEST_OUT_1)DRQ_T
SCLKX2N
SCLKX2NA
SCLK
SCLKA
SREF_8K
SREF_8KA
FSYNCN
FSYNCNA
CLKFAIL
CLKFAILA
SD_0
SD_1
SD_2
SD_3
SD_4
SD_5
SD_6
SD_7
SD_8
SD_9
SD_10
SD_11
SD_12
SD_13
SD_14
SD_15
MC
MCA
L_CLK
L_FS
SO_3
SO_2
SO_1
SO_0
MC_CLK
RXD
44
43
42
40
39
38
36
35
34
32
31
30
28
27
26
25
24
22
17
16
19
20
21
96
12
2
1
7
6
5
4
95
94
92
91
9
98
15
14
99
100
46
47
49
50
51
52
54
55
56
58
59
60
62
63
64
66
67
68
70
71
72
74
75
76
77
79
80
81
83
84
90
88
87
86
11
10
SC4000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com