Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 27Page - NXP Semiconductors SC4000 Datasheet HTML 28Page - NXP Semiconductors SC4000 Datasheet HTML 29Page - NXP Semiconductors SC4000 Datasheet HTML 30Page - NXP Semiconductors SC4000 Datasheet HTML 31Page - NXP Semiconductors SC4000 Datasheet HTML 32Page - NXP Semiconductors SC4000 Datasheet HTML 33Page - NXP Semiconductors SC4000 Datasheet HTML 34Page - NXP Semiconductors SC4000 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
2000 Sep 07
31
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
Frame Boundary Latch Set Delay Enable
(C_52) (Read/Write)
0 -> Frame Boundary Latch Set at frame
boundary - no delay (Default)
1 -> Frame Boundary Latch Set is
delayed until after the input buffer to
output buffer transfer is complete (4
internal clocks after frame boundary).
Note 1: With direct W/R to Parallel Ac-
cess Register Enabled (C_11=1), using
the delayed frame boundary interrupt
indicates that it is now safe to read from
and write to the Parallel Access Regis-
ters. To avoid data corruption, all access
must be completed 8 internal clocks
prior to the next delayed frame bound-
ary interrupt.
Note 2: The internal clock is equal to
either the SCbus data rate or the Local
bus data rate whichever is faster.
INT_0 Mask_N (C_53) (Read/Write)
Clearing this bit(“0”) masks INT_0.
INT_0 is the logical OR of CLKFAIL
(C_56), Frame Boundary (C_57), Inter-
nal Master PLL Error (C_58) Latches
and SCbus Error (C_59) Indicator.
0 -> INT_0 Masked (Default)
1 -> INT_0 Enabled
Note: The INT_0 Mask bit can be used
to globally disable interrupt generation
while the state of the latches can con-
tinue to be polled through the micro-
processor interface. This bit can also be
used to create edge-triggered interrupts.
INT_0 Output Polarity (C_54) (Read/Write)
0 -> INT_0 Active Low (Default)
1 -> INT_0 Active High
INT_0 Output Driver (C_55) (Read/Write)
0 -> Open Collector INT_0 Output
Driver (Default)
1 -> Totem-Pole INT_0 Output Driver
Configuration Register Byte 7, IAR = 07H
SCbus CLKFAIL Latch (C_56) (Read Only)
0 -> SCbus CLKFAIL Latch Clear
1 -> SCbus CLKFAIL Latch Set
Frame Boundary Latch (C_57) (Read only)
0 -> Frame Boundary Latch Clear
1 -> Frame Boundary Latch Set
Internal Master PLL Error Latch (C_58)
(Read Only)
This latch is set when the Internal Mas-
ter PLL is not “locked” to its selected ref-
erence.
0 -> Internal Master PLL Error Latch
Clear
1 -> Internal Master PLL Error Latch Set
SCbus Error Indicator (C_59) (Read Only)
C_59 is the logical OR of C_[67:64],
C_[74:72] and C_[83:80].
0 -> All SCbus Error Latches Clear
1 -> one or more SCbus Error Latches
Set
SCbus CLKFAIL Latch Clear_N (C_60)
(Read/Write)
0 -> SCbus CLKFAIL Latch held clear
(Default)
1 -> SCbus CLKFAIL Latch enabled
Frame Boundary Latch Clear_N (C_61)
(Read/Write)
0 -> Frame Boundary Latch held clear
(Default)
1 -> Frame Boundary Latch enabled
Internal Master PLL Error Latch Clear_N
(C_62) (Read/Write)
0 -> Internal Master PLL Error Latch
held clear (Default)
1 -> Internal Master PLL Error Latch
enabled
Configuration Register Byte 8, IAR = 08H
SCbus SCLKX2N Error Latch (C_64)
(Read Only)
The SCbus SCLKX2N Error Latch is
set when SCLKX2N does not transition
during the equivalent Master PLL clock
period.
0 -> SCbus SCLKX2N Error Latch Clear
1 -> SCbus SCLKX2N Error Latch Set
LBDR_[7:0]
C_[63:56]
Definition
0
56
SCbus CLKFAIL Latch
(Read only)
1
57
Frame Boundary
Latch (Read only)
2
58
Internal Master PLL
Error Latch
(Read only)
3
59
SCbus Error Indicator
(Read only)
4
60
SCbus CLKFAIL Latch
Clear_n
5
61
Frame Boundary
Latch Clear_n
6
62
Internal Master PLL
Error Latch Clear_n
7
63
Reserved (0)
(Read only)
LBDR_[7:0]
C_[71:64]
Definition
0
64
SCbus SCLKX2N
Error Latch
(Read only)
1
65
SCbus SCLKX2NA
Error Latch
(Read only)
2
66
SCbus SCLK Error
Latch (Read only)
3
67
SCbus SCLKA Error
Latch (Read only)
4
68
SCbus SCLKX2N
Error Latch Clear_n
5
69
SCbus SCLKX2NA
Error Latch Clear_n
6
70
SCbus SCLK Error
Latch Clear_n
7
71
SCbus SCLKA Error
Latch Clear_n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com