Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 19Page - NXP Semiconductors SC4000 Datasheet HTML 20Page - NXP Semiconductors SC4000 Datasheet HTML 21Page - NXP Semiconductors SC4000 Datasheet HTML 22Page - NXP Semiconductors SC4000 Datasheet HTML 23Page - NXP Semiconductors SC4000 Datasheet HTML 24Page - NXP Semiconductors SC4000 Datasheet HTML 25Page - NXP Semiconductors SC4000 Datasheet HTML 26Page - NXP Semiconductors SC4000 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
2000 Sep 07
23
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
MICROPROCESSOR INTERFACE
I/O Address Map
With Direct R/W to Parallel Access
Registers Disabled (C_11=0) (default)
With direct R/W to Parallel Access
Register Enable (C_11=1 )
Command / Status Register (Address = 0h)
Note:Setting more than one command
(Read, Write, Terminate or Reset) dur-
ing an access to the Command/Status
register is not recommended.
Busy (D_0) (Read Only)
This bit is set (“1”) when a command
that requires synchronization with the
SC4000’s internal state machine has
been initiated. This bit clears (“0”)
when the command is completed.
The following commands require
synchronization:
• Destination Routing Memory
Write command
• Source Routing Memory Write
command
• Indirect Parallel Access Destination
Write command
• Indirect Parallel Access Source
Read command
Read (D_1) (Write only)
Setting this bit (“1”) initiates a read of
the register pointed to by the Internal
Address Register. When the Busy bit is
clear (“0”), the contents of the register
to be read are available by reading the
Low byte & HighByte Data register. It is
not necessary to clear (“0”) this bit after
it has been set (“1”).
Note: Set this bit for an Indirect Parallel
Access Source Read (this is the only
“READ” requiring synchronization).
For reads which do not require synchro-
nization, the data registers can be read
immediately after writing the internal
address register.
Write (D_2) (Write only)
Setting this bit (“1”) initiates a write
to the register selected by the Internal
Address Register. When the Busy bit is
clear (“0”), the contents of the target
register have been updated using the
data stored in the Low Byte & High Byte
Data Register. It is not necessary to clear
(“0”) this bit after it has been set (“1”).
Terminate (D_3) (Read/Write)
Setting this bit (“1”) terminates a com-
mand that requires synchronization
with the SC4000’s internal state ma-
chine. This is necessary to complete a
command when the SC4000’s internal
state machine has stopped running (no
SCLK). The command in process is
completed asynchronously and the
Busy bit is cleared. It is necessary to clear
(“0”) this bit after it has been set (“1”).
Note : A new command (Read or Write)
should not be issued until after the
Terminate bit is cleared (“0”).
Channel Bank Select Register
[1:0] (D_[5:4]) (Read/Write)
This field determines the bank of chan-
nels that a command will affect. The
Channel Bank Select Register field is
combined with the Internal
Address Register to provide access to the
channel specific registers (routing and
parallel access). D_[5:4]) selects the
bank of channels to be accessed. This
field is cleared (“00”) on reset.
D_[5:4] = 00 -> Ch. 0 - 31
D_[5:4] = 01 -> Ch.32 - 63
D_[5:4] = 10 -> Ch.64 - 95
D_[5:4] = 11 -> Ch.96 - 127
Channel Bank Select Register Enable
(D_6) (Write only)
Writing to the command register with
this bit set (“1”) enables the Channel
bank select field to be changed. Writing
to the command register with this bit
cleared (“0”) causes the Channel Bank
Select Register field to retain its previous
value.
Note 1:The Channel Bank Select Regis-
ter may be changed during a write cycle
which also initiates a Read or Write
command. The Read or Write com-
mand affects the register pointed to by
the new value written into the Channel
Bank Select Register.
Note 2:The Channel Bank Select Regis-
ter should not be changed if the micro-
processor interface is busy.
Note 3:The Channel Bank Select Regis-
ter should not be changed during a write
cycle that either sets (0->1) or clears
(1->0) the Terminate command.
A_[1:0]
REGISTER
3h
High Byte Data Register (HBDR)
2h
Low Byte Data Register (LBDR)
1h
Internal Address Register (IAR)
0h
Command / Status Register
A_[8:0]
REGISTER
1FFh:180h
Source Parallel Access Register
Ch. 127:0
17Fh:100h
Destination Parallel Access Register
Ch. 127:0
0FFh:004h
Reserved
003h
High Byte Data Register (HBDR)
002h
Low Byte Data Register (LBDR)
001h
Internal Address Register (IAR)
000h
Command / Status Register
D_[7:0]
Definition
0
Busy (Read only)
1
Read Command (Write only)
2
Write Command (Write only)
3
Terminate Command (Read/Write)
[5:4]
Channel Bank Select Register [1:0]
(Read/Write)
6
Channel Bank Select Register Enable
(Write only)
7
Reset (Read/Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com