Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 24Page - NXP Semiconductors SC4000 Datasheet HTML 25Page - NXP Semiconductors SC4000 Datasheet HTML 26Page - NXP Semiconductors SC4000 Datasheet HTML 27Page - NXP Semiconductors SC4000 Datasheet HTML 28Page - NXP Semiconductors SC4000 Datasheet HTML 29Page - NXP Semiconductors SC4000 Datasheet HTML 30Page - NXP Semiconductors SC4000 Datasheet HTML 31Page - NXP Semiconductors SC4000 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
2000 Sep 07
28
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
Note:When C_12=0 the HDLC Con-
troller must be programmed to output
TXD on the Rising edge of MC_CLK.
When C_12=1 the HDLC controller
must be programmed to output TXD on
the falling edge of MC_CLK.
Message Channel TXD_0 or TXD_1 Select
(C_13) (Read/Write)
0-> TXD_0 External HDLC Controller
(Default)
1-> TXD_1 Future Internal HDLC
Controller
Note:If TXD_1 is selected on an SC4000
without an Internal HDLC Controller
all 1’s will be output on MC (idle).
Message Channel Clock Duty Cycle Select
(C_14) (Read/Write)
0-> 50% (Default)
1-> 75% (2 &4 Mb/s SCbus modes),
62.5% (8 Mb/s SCbus)
Note: SCLKX2N must be present to
select 75% when SCbus is 2 Mb/s.
Message Channel Output Disable
(W/ loopback) (C_15) (Read/Write)
0-> Message Channel Output Enabled
(Default)
1-> Message Channel Output Disabled
Note:When the Message Channel is Dis-
abled, TXD is looped back to the RXD to
allow diagnostics runs on the HDLC
Controller.
Configuration Register Byte 2, IAR = 02H
SCbus SD Sample Position (C_16)
(Read/Write)
0-> Sample at 50% of Bit Cell (Default)
1-> Sample at 75% of Bit Cell
Note: SCLKX2N must be present to
select 75% sample.
Local Bus SI Sample Position (C_17)
(Read/Write)
0-> Sample at 50% of Bit Cell (Default)
1-> Sample at 75% of Bit Cell
Note 1:To select 75% sample,SCLKX2N
must be present or the local bus framing
mode must be set to a data rate that is ei-
ther higher or lower than the SCbus
framing mode.
Note 2:To select 75% sample (C_17=1),
it is not necessary to select the L_CLK
rate equal to 2X (C_28=1)
SCbus SD Output Delay Enable (C_18)
(Read/Write)
To avoid bus contention, enabled SCbus
SD outputs are delayed when coming
out of tri-state.
0-> SCbus SD Output Delay Disabled
(Default)
1-> SCbus SD Output Delay Enabled
Local bus SO Output Delay Enable (C_19)
(Read/Write)
To avoid bus contention, enabled local
bus SO outputs are delayed when com-
ing out of tri-state.
0-> Local bus SO Output Delay Dis-
abled (Default)
1-> Local bus SO Output Delay Enabled
SCbus FSYNCN Sample Position (C_20)
(Read/Write)
0-> Sample at rising edge of SCLK
(Default)
1-> Sample at rising edge of SCLKX2N
with SCLK high.
SCbus FSYNCN Rate (C_21) (Read/Write)
This bit determines the clock by which
the FSYNCN signal is generated.
0 -> 1 SCLK period (Default)
1 -> 1 SCLKX2N period
Note: This mode is provided for MVIP
compatibility.
SCbus SCLKX2N, SCLKX2NA Output
Disable(C_22) (Read/Write)
This bit disables the SCLKX2N and
SCLKX2NA outputs when they are not
required. When disabled, the outputs
are tri-stated.
0-> SCLKX2N and SCLKX2NA Outputs
Enabled (Default)
1-> SCLKX2N and SCLKX2NA Outputs
Disabled
LBDR_[7:0] C_[23:16] Definition
0
16
SCbus SD Sample
Position
1
17
Local bus SI Sample
Position
2
18
SCbus SD Output
Delay Enable
3
19
Local bus SO Output
Delay Enable
4
20
SCbus FSYNCN
Sample position
5
21
SCbus FSYNCN Rate
6
22
SCbus SCLKX2N,
SCLKX2NA Output
Disable
7
23
SCbus Alternate (A)
Signals Output Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com