Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 34Page - NXP Semiconductors SC4000 Datasheet HTML 35Page - NXP Semiconductors SC4000 Datasheet HTML 36Page - NXP Semiconductors SC4000 Datasheet HTML 37Page - NXP Semiconductors SC4000 Datasheet HTML 38Page - NXP Semiconductors SC4000 Datasheet HTML 39Page - NXP Semiconductors SC4000 Datasheet HTML 40Page - NXP Semiconductors SC4000 Datasheet HTML 41Page - NXP Semiconductors SC4000 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
2000 Sep 07
38
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
Figure 8. Microprocessor Interface Timing - Motorola Bus Mode (Pin I_N = 1), Non-multiplexed Address
Table 8. Microprocessor Interface Timing - Intel Bus Mode
Symbol
Parameter
Min
Typ
Max
Unit
t1
CS_0_N setup to STRB_N
↑
t2
STRB_N pulse width
t3
R/W_N setup to STRB_N
↓
t4
R/W_N hold from STRB_N
↑
t5
A_[8:0] setup to STRB_N
↓ (C_11 = 1)
t6
A_[1:0] setup to STRB_N
↑ (C_11 = 0)
t7
A_[8:0] hold from STRB_N
↑
t8
D_[7:0] setup to STRB_N
↑
t9
D_[7:0] hold from STRB_N
↑
t10
D_[7:0] float to valid delay from CS_0_N,
STRB_N and A_[8:0]
t11
D_[7:0] valid to float delay from CS_0_N or STRB_N
5
5
40
40
0
ns
ns
40
40
ns
ns
ns
ns
ns
ns
ns
ns
50
ns
5
5
5
020
Notes
1. Timing measured with 100 pF load on D_[7:0].
2. Write cycle may be controlled by CS_0_N or STRB_N.
3. ALE = 1.
STRB_N
R/W_N
A_[8:0]
D_[7:0]
t1
t2
t3
t4
t3
t4
t5
t6
t7
t8
t9
t10
t11
CS_0_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com