Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 28Page - NXP Semiconductors SC4000 Datasheet HTML 29Page - NXP Semiconductors SC4000 Datasheet HTML 30Page - NXP Semiconductors SC4000 Datasheet HTML 31Page - NXP Semiconductors SC4000 Datasheet HTML 32Page - NXP Semiconductors SC4000 Datasheet HTML 33Page - NXP Semiconductors SC4000 Datasheet HTML 34Page - NXP Semiconductors SC4000 Datasheet HTML 35Page - NXP Semiconductors SC4000 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
2000 Sep 07
32
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
SCbus SCLKX2NA Error Latch (C_65)
(Read only)
The SCbus SCLKX2NA Error Latch is
set when SCLKX2NA does not transi-
tion during the equivalent Master PLL
clock period.
0 -> SCbus SCLKX2NA Error Latch
Clear
1 -> SCbus SCLKX2NA Error Latch Set
SCbus SCLK Error Latch (C_66) (Read only)
The SCbus SCLK Error Latch is set when
SCLK does not transition during the
equivalent Master PLL clock period.
0 -> SCbus SCLK Error Latch Clear
1 -> SCbus SCLK Error Latch Set
SCbus SCLKA Error Latch (C_67) (Read only)
The SCbus SCLKA Error Latch is set
when SCLKA does not transition during
the equivalent Master PLL clock period.
0 -> SCbus SCLKA Error Latch Clear
1 -> SCbus SCLKA Error Latch Set
SCbus SCLKX2N Error Latch Clear_N (C_68)
(Read/Write)
0 ->SCbus SCLKX2N Error Latch held
clear (Default)
1 ->SCbus SCLKX2N Error Latch
enabled
SCbus SCLKX2NA Error Latch Clear_N
(C_69) (Read/Write)
0 ->SCbus SCLKX2NA Error Latch held
clear (Default)
1 ->SCbus SCLKX2NA Error Latch
enabled
SCbus SCLK Error Latch Clear_N (C_70)
(Read/Write)
0 ->SCbus SCLK Error Latch held clear
(Default)
1 ->SCbus SCLK Error Latch enabled
SCbus SCLKA Error Latch Clear_N(C_71)
(Read/Write)
0 ->SCbus SCLKA Error Latch held
clear (Default)
1 ->SCbus SCLKA Error Latch enabled
Configuration Register Byte 9, IAR = 09H
SCbus FSYNCN Error Latch (C_72)
(Read Only)
The SCbus FSYNCN Error Latch is set
when FSYNCN does not transition
during the equivalent Master PLL clock
period.
0 ->SCbus FSYNCN Error Latch Clear
1 ->SCbus FSYNCN Error Latch Set
SCbus FSYNCNA Error Latch (C_73)
(Read Only)
The SCbus FSYNCNA Error Latch is set
when FSYNCNA does not transition
during the equivalent Master PLL clock
period.
0 ->SCbus FSYNCNA Error Latch Clear
1 ->SCbus FSYNCNA Error Latch Set
SCbus Clock Master Error Latch (C_74)
(Read Only)
The SCbus Clock Master Error Latch is
set when the SC4000 is configured to be
Clock Master and the internally gener-
ated frame sync signal and SCbus
FSYNCN are not equal. This feature is
provided to detect when more than one
SCbus device is enabled as Clock Master
(i.e. two device driving FSYNCN).
0 ->SCbus Clock Master Error Latch
Clear
1 ->SCbus Clock Master Error Latch Set
SCbus FSYNCN Error Latch Clear_N (C_76)
(Read/Write)
0 ->SCbus FSYNCN Error Latch held
clear (Default)
1 ->SCbus FSYNCN Error Latch
enabled
SCbus FSYNCNA Error Latch Clear_N (C_77)
(Read/Write)
0 ->SCbus FSYNCNA Error Latch held
clear
1 ->SCbus FSYNCNA Error Latch
enabled
SCbus Clock Master Error Latch Clear_N
(C_78) (Read/Write)
0 ->SCbus Clock Master Error Latch
held clear (Default)
1 ->SCbus Clock Master Error Latch
enabled
Configuration Register Byte 10, IAR = 0AH
NE: Not Equal
LBDR_[7:0]
C_[79:72]
Definition
0
72
SCbus FSYNCN
Error Latch
(Read Only)
1
73
SCbus FSYNCNA
Error Latch
(Read Only)
2
74
SCbus Clock Mas-
ter Error Latch (Read
Only)
3
75
Reserved (0)
(Read Only)
4
76
SCbus FSYNCN
Error Latch Clear_n
5
77
SCbus FSYNCNA
Error Latch Clear_n
6
78
SCbus Clock
Master Error Latch
Clear_n
7
79
Reserved (0)
(Read Only)
LBDR_[7:0]
C_[87:80]
Definition
0
80
SCbus SREF_8K NE
SREF_8KA Error
Latch (Read only)
1
81
SCbus CLKFAIL NE
CLKFAILA Error
Latch (Read only)
2
82
SCbus MC NE MCA
Error Latch
(Read only)
3
83
SCbus SD Error Indi-
cator (Read only)
4
84
SCbus SREF_8K NE
SREF_8KA Error
Latch Clear_n
5
85
SCbus CLKFAIL NE
CLKFAILA Error
Latch Clear_n
6
86
SCbus MC NE MCA
Error Latch Clear_n
7
87
SCbus SD Error Latch
Clear_n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com