Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 22Page - NXP Semiconductors SC4000 Datasheet HTML 23Page - NXP Semiconductors SC4000 Datasheet HTML 24Page - NXP Semiconductors SC4000 Datasheet HTML 25Page - NXP Semiconductors SC4000 Datasheet HTML 26Page - NXP Semiconductors SC4000 Datasheet HTML 27Page - NXP Semiconductors SC4000 Datasheet HTML 28Page - NXP Semiconductors SC4000 Datasheet HTML 29Page - NXP Semiconductors SC4000 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
2000 Sep 07
26
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
Destination Routing Memory—Low Byte
Time-Slot Select [6:0] (Read/write)
This field selects the SCbus Time-Slot
that a Destination Channel is routed to.
00h -> SCbus Time-Slot 0 (Default)
01h -> SCbus Time-Slot 1
02h -> SCbus Time-Slot 2
.
.
7Eh -> SCbus Time-Slot 126
7Fh -> SCbus Time-Slot 127
Destination Routing Memory— High Byte
Port Select [3:0] (Read/Write)
This field selects the SCbus Port that a
Destination Channel is routed to.
0h -> SCbus SD_0 (Default)
1h -> SCbus SD_1
2h -> SCbus SD_2
.
.
Eh -> SCbus SD_14
Fh -> SCbus SD_15
Parallel Access Enable (Read/Write)
This bit enables the Destination Parallel
Access channel to be output in place of
the SI Local Bus serial stream.
0 -> Parallel Access Disabled (Default)
1 -> Parallel Access Enabled
Switch Output Enable (Read/Write)
This bit enables the Switch Output to
the SCbus.
0 -> Output Disabled (Default)
1 -> Output Enabled
Source Routing Memory— Low Byte
Time-Slot/Channel Select [6:0] (Read/Write)
If Local Connect is disabled (default)
this field selects the SCbus Time-Slot
that is routed to a Source Channel.
00h -> SCbus Time-Slot 0 (Default)
01h -> SCbus Time-Slot 1
02h -> SCbus Time-Slot 2
.
.
7Eh -> SCbus Time-Slot 126
7Fh -> SCbus Time-Slot 127
If Local Connect is enabled this field
selects the Destination Channel that
is routed to a Source Channel.
00h -> Destination Channel 0 (Default)
01h -> Destination Channel 1
02h -> Destination Channel 2
.
.
7Eh -> Destination Channel 126
7Fh -> Destination Channel 127
Source Routing Memory—High byte
Port Select [3:0] (Read/Write)
This field selects the SCbus Port that is
routed to a Source Channel.
0h -> SCbus SD_0 (Default)
1h -> SCbus SD_1
2h -> SCbus SD_2
.
.
Eh -> SCbus SD_14
Fh -> SCbus SD_15
If Local Connect is enabled this field is
don’t care.
Local Connect Enable (Read/Write)
This bit enables the Local Connection
of a Destination Channel to a Source
Channel.
0 -> Local Connect Disabled (Default)
1 -> Local Connect Enabled
Switch Output Enable (Read/Write)
This bit enables the Switch Output to
the Local Bus.
0 -> Output Disabled (Default)
1 -> Output Enabled
Parallel Access
The parallel access channels can be ac-
cessed two ways: Indirect and Direct.
Destination Parallel Access
Serial Data [1:8] (Read/Write)
This register contains the byte to be
transmitted when Destination Routing
Memory Parallel Access is enabled
Note:When converted from parallel
to serial, bit 1 is transmitted first.
Note: This register is cleared (“00”)
on Reset.
Source Parallel Access
Serial Data [1:8] (Read Only)
This register contains the byte received
from the Source Channel selected by the
Source Routing Memory.
Note: When converted from serial to
parallel, bit 1 is received first.
LBDR_[7:0]
Definition
[6:0]
Time-slot Select [6:0]
7
Reserved
HBDR_[7:0]
Definition
[3:0]
Port Select [3:0]
[5:4]
Reserved
6
Parallel Access Enable
7
Switch Output Enable
LBDR_[7:0]
Definition
[6:0]
Time-Slot/Channel Select [6:0]
7
Reserved
HDBR_[7:0]
Definition
[3:0]
Port Select [3:0]
[5:4]
Reserved
6
Local Connect Enable
7
Switch Output Enable
LBDR_[7:0]
Definition
[7:0]
Serial Data Bit [1:8]
LBDR_[7:0]
Definition
[7:0]
Serial Data Bit [1:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com