Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 12Page - NXP Semiconductors SC4000 Datasheet HTML 13Page - NXP Semiconductors SC4000 Datasheet HTML 14Page - NXP Semiconductors SC4000 Datasheet HTML 15Page - NXP Semiconductors SC4000 Datasheet HTML 16Page - NXP Semiconductors SC4000 Datasheet HTML 17Page - NXP Semiconductors SC4000 Datasheet HTML 18Page - NXP Semiconductors SC4000 Datasheet HTML 19Page - NXP Semiconductors SC4000 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
2000 Sep 07
16
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
Figure 4. Internal PLL and Local Bus PLL Timing Function Block
11
SCLK
49
C_[7:6], C_[5:4]
MC_CLK
C_2
Primary
or
Alternate
Select
Internal
PLL
Primary
or
Alternate
Select
Primary
or
Alternate
Select
SCLKA
50
SCLKX2N
46
SCLKX2NA
47
FSYNCN
54
FSYNCNA
55
X_IN
2
Clock
65.536 MHz
Internal
Timing
Control
State
Machine
Local
PLL
Clock
Bus
84
L_FS
L_CLK
83
1
0
C_[7:6]=0X (2.048 Mb/s)
C_29=1
2.048 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com