Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 7Page - NXP Semiconductors SC4000 Datasheet HTML 8Page - NXP Semiconductors SC4000 Datasheet HTML 9Page - NXP Semiconductors SC4000 Datasheet HTML 10Page - NXP Semiconductors SC4000 Datasheet HTML 11Page - NXP Semiconductors SC4000 Datasheet HTML 12Page - NXP Semiconductors SC4000 Datasheet HTML 13Page - NXP Semiconductors SC4000 Datasheet HTML 14Page - NXP Semiconductors SC4000 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
2000 Sep 07
11
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
Pin Description (continued)
Pin Name
Input/Output
Pin Number
Pin Description
DRQ_R
or
TEST_OUT_0
O
99
(TTL Output) Receive DMA Request. This pin is reserved for a future internal HDLC controller. Otherwise, in Test
Mode (TEST=1), this is a NANDed gate test chain 0 output.
DRQ_T
or
TEST_OUT_1
O
100
(TTL Output) Transmit DMA Request. This pin is reserved for a future internal HDLC controller. Otherwise, in Test
Mode (TEST=1), this is a NANDed gate test chain 1 output.
SCLKX2N
I/O
46
(SCbus Bi-directional) SCbus System clock x 2.
SCLKX2NA
I/O
47
(SCbus Bi-directional) SCbus Alternate System clock x 2.
SCLK
I/O
49
(SCbus Bi-directional) SCbus System clock. This can be programmed to either 2.048, 4.096 or 8.192 MHz.
Set C_0 = 1 to enable the SCLK output driver as master mode.
Set C_0 = 0 to disable the SCLK output driver as slave mode.
SCLKA
I/O
50
(SCbus Bi-directional) SCbus Alternate System clock.
SREF_8K
I/O
51
(SCbus Bi-directional) SCbus 8 KHz Reference.
If C_46 = 1, the SREF_8K output is enabled at SCbus
If C_46 = 0, the SREF_8K output is disabled at SCbus
SREF_8KA
I/O
52
(SCbus Bi-directional) SCbus 8 KHz Alternate Reference.
FSYNCN
I/O
54
(SCbus Bi-directional) SCbus 8 KHz Frame Synchronization signal.
Set C_0 = 1 to enable the FSYNCN output driver as master mode.
Set C_0 = 0 to disable the FSYNCN output driver as slave mode.
FSYNCNA
I/O
55
(SCbus Bi-directional) SCbus 8 KHz Alternate Frame Synchronization signal.
CLKFAIL
I/O
56
(SCbus Bi-directional) SCbus System Clock Fail signal.
CLKFAILA
I/O
58
(SCbus Bi-directional) SCbus Alternate System Clock Fail signal.
SD_[0:15]
I/O
59,60,62,63,
64,66,67,68,
70,71,72,74,
75,76,77,79
(SCbus Bi-directional) These are SCbus Serial Data Streams can be programmed to 2.048, 4.096 or 8.192 Mb/s
data rates.
MC
I/O
80
(SCbus Bi-directional Open Collector) SCbus Message Channel.
MCA
I/O
81
(SCbus Bi-directional Open Collector) SCbus Alternate Message Channel.
L_CLK
I/O
83
(TTL Bi-directional) Local bus Clock Output. It can be programmed to: 2.048, 4.096 or 8.192 MHz if set C_28 = 0.
4.096, 8.192 or 16.384 MHz if set C_28 = 1.
L_FS
I/O
84
(TTL Bi-directional) Local bus 8 KHz Frame Synchronization Output.
S0_[3:0]
I/O
90,88,87,86
(TTL Bi-directional) Local Bus Serial Output Data Streams. It can be programmed to 2.048, 4.096 or 8.192 Mb/s
data rates.
MC_CLK
I/O
11
(TTL Bi-directional) Message Channel Data Clock. This pin is a 2.048 MHz output. The clock duty cycle can be
programmed by C_14 bit.
RXD
I/O
10
(TTL Bi-directional) Message Channel Receive Data. This pin is for the SCbus message channel receive data output
line.
VDD
Power
8,13,29,37,48,
61,65,78,85,89
+5 Volt Power Supply.
VSS
Power
3,18,23,33,41,
45,53,57,69,73,
82,93,97
Ground.
Note: In Test mode (TEST=1), every pin except VDD/VSS/X_OUT/DRQ_R/DRQ_T is configured as input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com