Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 32Page - NXP Semiconductors SC4000 Datasheet HTML 33Page - NXP Semiconductors SC4000 Datasheet HTML 34Page - NXP Semiconductors SC4000 Datasheet HTML 35Page - NXP Semiconductors SC4000 Datasheet HTML 36Page - NXP Semiconductors SC4000 Datasheet HTML 37Page - NXP Semiconductors SC4000 Datasheet HTML 38Page - NXP Semiconductors SC4000 Datasheet HTML 39Page - NXP Semiconductors SC4000 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
2000 Sep 07
36
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Recommended Operating Conditions
DC Electrical Characteristic
Symbol
Parameter
Test Condition
Min
Max
Unit
Ts
Storage Temperature
-65
150
Vi
Input Voltage
-0.5
7
PD
Package Power Dissipation
1
Symbol
Parameter
Test Condition
Min
Max
Unit
TA
Ambient Temperature
0
70
o
C
VDD
Supply Voltage
4.75
5.25
Symbol
Parameter
Test Condition
Min
Max
Unit
IDD
Supply Current
100
VIH-SCbus
Input High Voltage - SCbus
VIL-SCbus
Input Low Voltage - SCbus
VHYS-SCbus
Input Hysteresis Voltage-SCbus
VIH-TTL
Input High Voltage -TTL
VIL-TTL
Input Low Voltage -TTL
VIH-CMOS
Input High Voltage -CMOS
VIL-CMOS
Input Low Voltage -CMOS
V
V
V
V
V
V
VPAD = 0V
VPAD = 0V
VI/O = VDD or VSS
V
V
V
o
C
V
W
V
V
V
V
V
VOH-SCbus
Output High Voltage -SCbus
VOL-SCbus
Output Low Voltage -SCbus
VOH-TTL
Output High Voltage-TTL
VOL-TTL
Output Low Voltage-TTL
VOH-CMOS
Output High Voltage-CMOS
VOL-CMOS
Output Low Voltage-CMOS
IP-SCbus
Pull-up Current - SCbus
IP-TTL
Pull-up Current - TTL
ILI/O
I/O Leakage Current
+/- 10
CI-TTL
Input Capacitance-TTL
CI-CMOS
Input Capacitance-CMOS
CIO-SCbus
I/O Capacitance-SCbus
CIO-TTL
Output or I/O Capacitance - TT
CO-CMOS
Output Capacitance - CMOS
µA
µA
µA
VDD +0.5
VDD +0.5
VDD +0.5
IOH = -24mA
IOL = 24mA
IOH = -8mA
IOL = 8mA
IOH = -0.8mA
IOL = 0.8mA
7pF
7pF
6pF
6pF
12
pF
-20
-50
-130
-400
0.4
0.4
VSS + 0.1 V
VDD - 0.1V
3
2.4
2.6
-0.5
1.65
+/- 0.3
2.0
-0.5
0.8
0.7 x VDD
-0.5
0.3 x VDD
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com