Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 10Page - NXP Semiconductors SC4000 Datasheet HTML 11Page - NXP Semiconductors SC4000 Datasheet HTML 12Page - NXP Semiconductors SC4000 Datasheet HTML 13Page - NXP Semiconductors SC4000 Datasheet HTML 14Page - NXP Semiconductors SC4000 Datasheet HTML 15Page - NXP Semiconductors SC4000 Datasheet HTML 16Page - NXP Semiconductors SC4000 Datasheet HTML 17Page - NXP Semiconductors SC4000 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
2000 Sep 07
14
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
FUNCTION DESCRIPTION
Switching
The SC4000 allows data switching
through the microprocessor interface in
any of the following three directions:
• From any local bus serial channel (SI)
or parallel data bus D_[7:0] input to
any SCbus channel (SD) output
• From any SCbus channel (SD) input
to any output of the local bus serial
channel (SO) or parallel data bus
D_[7:0]
• From any of local bus serial channel
(SI) or parallel data bus D_[7:0] input
directly through an internal local
connect bus to any local bus serial
channel (SO) output
As shown in Figure 1, each input SI and
output SO channel is mapped to one of
128 unique locations in the destination
routing memory and source routing
memory, respectively. So data stored in
the destination or source routing mem-
ory selects the timeslot and serial port of
the SCbus. All data is buffered through
the input holding register, output hold-
ing register or parallel access register for
a switching matrix with one frame delay.
PLL Timing and Clock Control
The SC4000 provides the option of us-
ing the internal master PLL (C_43 = 0)
or an external master PLL (C_43 = 1).
As shown in Figure 2, the internal
master PLL generates a clock that is fre-
quency-locked to an 8 KHz reference in-
put of either SREF_8K or REF_8K[3:0].
When the SC4000 is enabled as SCbus
master (C_0 =1), a state machine inside
the SC4000 uses this clock to generate
SCLK, SCLKX2N and a “free-running”
FSYNCN signal based on the speed of
the SCbus and the clock frequency. The
internal master PLL runs free when:
• Put into free run mode (ignoring
reference input changes) by control
C_[42:40]
• The 8 KHz reference input is static
“1” or “0”
• The input of X_IN is less than 65.536
MHz.
The internal master PLL can also gener-
ate an interrupt if it cannot lock the
selected 8 KHz reference input.
Figure 2. Internal Master PLL (C_43 = 0) Function Block
EXTERNAL
CRYSTAL or OSC
C_0, C_3, C_[23:22]
SCLKX2N
SCLK
46, 47
49, 50
SREF_8K
51, 52
REF_8K_[3:0]
C_[42:40]
C_[45:44]
C_3, C_23, C_46
Master PLL
8 K Select
Reference
SCbus
Source
Select
SREF_8K
Clock
Master PLL
SCbus
4, 5, 6, 7
FSYNCN
54, 55
65.536 MHz
Programmable
Divider
C_[10:8], C_[5:4]
To Internal Watchdogs and
SCbus Error Detectors
SCLKX2NA
FSYNCNA
SCLKA
SREF_8KA
C_2
Primary
or
Alternate
Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com