Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 23Page - NXP Semiconductors SC4000 Datasheet HTML 24Page - NXP Semiconductors SC4000 Datasheet HTML 25Page - NXP Semiconductors SC4000 Datasheet HTML 26Page - NXP Semiconductors SC4000 Datasheet HTML 27Page - NXP Semiconductors SC4000 Datasheet HTML 28Page - NXP Semiconductors SC4000 Datasheet HTML 29Page - NXP Semiconductors SC4000 Datasheet HTML 30Page - NXP Semiconductors SC4000 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
2000 Sep 07
27
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
CONFIGURATION REGISTERS
Configuration Register Byte 0, IAR = 00H
SCbus Clock Master (C_0) (Read/Write)
This bit is synchronized with the Master
Clock Input enables the SC4000 to start
and stop being SCbus Clock Master.
0-> SCbus Clock Master Disabled
(Default)
1-> SCbus Clock Master Enabled
Note: With IAR=00H and LBDR D_0=0
issue Terminate command to asynchro-
nously stop being SCbus Clock Master
when no Master Clock Input is present
(i.e dead clock)
SCbus Clock Master Arm (C_1) (Read/Write)
The process of becoming SCbus Clock
Master can be sped up by arming the
SC4000 which is intended to become
clock master in the event of a clock fail-
ure. When a SC4000 is armed and CLK-
FAIL=1 the C_0 bit is automatically set.
The SC4000 begins driving the SCbus
within 4 clocks of CLKFAIL going high.
0-> SCbus Clock Master Disarmed
(Default)
1-> SCbus Clock Master Armed
Note: C_51 SCbus CLKFAIL Debounce
Enable must be set to use this feature.
SCbus Primary/Alternate Select (C_2)
(Read/Write)
The SC4000 provides Alternate SCbus
signals for fault tolerance. This bit con-
trols internal signal selection.
0->Primary SCbus signals selected
(Default)
1->Alternate SCbus Signals selected
Diagnostic Mode Enable (C_3) (Read/Write)
In Diagnostic Mode the SC4000’s SCbus
output drivers and receivers are electri-
cally disconnected from the SCbus. In-
ternally, the SCbus outputs are looped
back to their corresponding inputs. This
creates a virtual SCbus within the
SC4000 that can be used to test thor-
oughly the SC4000 without disrupting
normal SCbus traffic.
0->Diagnostic Mode Disabled
1->Diagnostic Mode Enabled (default)
Note 1: Diagnostic Mode is Enabled
when the SC4000 is reset.
Note 2: A clock must be present at the
Master Clock input to use this mode.
SCbus Framing Mode [1:0](C_[5:4])
(Read/Write)
0x -> 2.048 Mb/s, 256 Bits/Frame, 32
Timeslots/Frame (Default)
10 -> 4.096 Mb/s, 512 Bits/Frame, 64
Timeslots/frame
11 -> 8.192 Mb/s, 1024 Bits/Frame, 128
Timeslots/Frame
Local bus Framing Mode [1:0](C_[7:6])
(Read/Write)
0x -> 2.048 Mb/s, 256 Bits/Frame, 32
Timeslots/Frame (Default)
10 -> 4.096 Mb/s, 512 Bits/Frame, 64
Timeslots/frame
11 -> 8.192 Mb/s, 1024 Bits/Frame,
128 Timeslots/Frame
Note: If the Local Bus framing mode
selection is for a higher data rate than
that of the SCbus framing mode, then a
65.536 MHz clock must be provided on
X_IN.
Configuration Register Byte 1, IAR = 01H
Master Clock Input Frequency Select
[2:0] (C_[10:8]) (Read/Write)
000-> 2.048 MHz (Default)
001-> 4.096 MHz
010-> 8.192 MHz
011->16.384 MHz
100-> 32.768 MHz
101-> 65.536 MHz
110-> Reserved
111-> Reserved
Note: The Master Clock Input may be
sourced from either X_IN or CLK_IN
(see C_43).
Direct R/W to Parallel Access Registers
Enable (C_11) (Read/Write)
0-> Direct R/W Disabled (Default)
1-> Direct R/W Enabled
Note: When Disabled A_[8:2] is don’t
care. When Enabled address setup to
falling edge of WR_N or STRB_N is
required.
Message Channel Registered TXD Enable
(C_12) (Read/Write)
0-> TXD Passed Through onto MC
(Default)
1-> TXD Registered onto MC
LBDR_[7:0]
C_[7:0]
Definition
0
0
SCbus Clock Master
1
1
SCbus Clock Master
Arm
2
2
SCbus Primary/
Alternate Select
3
3
Diagnostic Mode
Enable
[5:4]
[5:4]
SCbus Framing Mode
[1:0]
[7:6]
[7:6]
Local Bus Framing
Mode [1:0]
LBDR_[7:0]
C_[15:8]
Definition
[2:0]
[10:8]
Master Clock Input
Frequency Select [2:0]
3
11
Direct R/W to Parallel
Access Registers
Enable
4
12
Message Channel
Registered TXD Enable
5
13
Message Channel
TXD_0 or TXD_1
(internal HDLC) Select
6
14
Message Channel
Clock Duty Cycle
Select
7
15
Message Channel
Output Disable
(w/Loopback)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com