Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 21Page - NXP Semiconductors SC4000 Datasheet HTML 22Page - NXP Semiconductors SC4000 Datasheet HTML 23Page - NXP Semiconductors SC4000 Datasheet HTML 24Page - NXP Semiconductors SC4000 Datasheet HTML 25Page - NXP Semiconductors SC4000 Datasheet HTML 26Page - NXP Semiconductors SC4000 Datasheet HTML 27Page - NXP Semiconductors SC4000 Datasheet HTML 28Page - NXP Semiconductors SC4000 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
2000 Sep 07
25
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
Channel Specific Registers
The Channel Specific Registers are
divided into four groups. A group is se-
lected by bits 5 through 7 of theinternal
address register.
IAR_[7:5]
100 -> Destination Routing Memory
101 -> Source Routing Memory
110 -> Destination Parallel Access
111 -> Source Parallel Access
Channels within these groups are se-
lected by bits 4 through 0 (IAR_[4:0]) of
the Internal Address Register and bits 1
and 0 (D_[5:4] Command/Status Regis-
ter) of the Channel Bank Select Register
(CBSR)
Channel Specific Registers Map
D_[5:4] of Command/Status Register (D_6 = 1)
IAR[7:0]
CBSR_[1:0] = 00
CBSR_[1:0] = 01
CBSR_[1:0] = 10
CBSR_[1:0] = 11
IAR_[7:5]
FFh - E0h
Source
Parallel
Access
IAR_[4:0] = 1Fh
Ch. 31
Ch. 63
Ch. 95
Ch. 127
IAR_[4:0] = 1Eh
Ch. 30
Ch. 62
Ch. 94
Ch. 126
.
.
.
.
.
.
.
.
.
.
IAR_[4:0] = 01h
Ch. 1
Ch. 33
Ch. 65
Ch. 97
IAR_[4:0] = 00h
Ch. 0
Ch. 32
Ch. 64
Ch. 96
IAR_[7:5]
DFh - C0h
Destination
Parallel
Access
IAR_[4:0] = 1Fh
Ch. 31
Ch. 63
Ch. 95
Ch. 127
IAR_[4:0] = 1Eh
Ch. 30
Ch. 62
Ch. 94
Ch. 126
.
.
.
.
.
.
.
.
.
.
IAR_[4:0] = 01h
Ch. 1
Ch. 33
Ch. 65
Ch. 97
IAR_[4:0] = 00h
Ch. 0
Ch. 32
Ch. 64
Ch. 96
IAR_[7:5]
BFh - A0h
Source
Routing
Memory
IAR_[4:0] = 1Fh
Ch. 31
Ch. 63
Ch. 95
Ch. 127
IAR_[4:0] = 1Eh
Ch. 30
Ch. 62
Ch. 94
Ch. 126
.
.
.
.
.
.
.
.
.
.
IAR_[4:0] = 01h
Ch. 1
Ch. 33
Ch. 65
Ch. 97
IAR_[4:0] = 00h
Ch. 0
Ch. 32
Ch. 64
Ch. 96
IAR_[7:5]
9Fh - 80h
Destination
Routing
Memory
IAR_[4:0] = 1Fh
Ch. 31
Ch. 63
Ch. 95
Ch. 127
IAR_[4:0] = 1Eh
Ch. 30
Ch. 62
Ch. 94
Ch. 126
.
.
.
.
.
.
.
.
.
.
IAR_[4:0] = 01h
Ch. 1
Ch. 33
Ch. 65
Ch. 97
IAR_[4:0] = 00h
Ch. 0
Ch. 32
Ch. 64
Ch. 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com