Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 20Page - NXP Semiconductors SC4000 Datasheet HTML 21Page - NXP Semiconductors SC4000 Datasheet HTML 22Page - NXP Semiconductors SC4000 Datasheet HTML 23Page - NXP Semiconductors SC4000 Datasheet HTML 24Page - NXP Semiconductors SC4000 Datasheet HTML 25Page - NXP Semiconductors SC4000 Datasheet HTML 26Page - NXP Semiconductors SC4000 Datasheet HTML 27Page - NXP Semiconductors SC4000 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
2000 Sep 07
24
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
Reset (D_7) (Read/Write)
Setting this bit (“1”) puts the SC4000 in
reset and initializes the Configuration,
Routing and Parallel Access Registers.
This command is analogous to the func-
tion of the RESET pin. Clearing this bit
(“0”) returns the SC4000 to normal op-
eration, ready for configuration.
Internal Address Registerr (Address = 01h)
Internal Address Register Map
Low Byte Data Register (Address = 02h)
High Byte Data Register (Address = 03h)
D_[7:0]
Definition
7:0
Internal Address Register (IAR_[7:0])
IAR_
[7:0]
Register
IAR_
[7:0]
Register
FFh:80h
Channel Spe-
cific Registers
FFh:E0h
Source
Parallel
Access
DFh:C0h
Destination
Parallel
Access
BFh:A0h
Source
Routing
Memory
9Fh:80h
Destination
Routing
Memory
7Fh:0Dh
Reserved
0Ch:00h
Configuration
Registers
D_[7:0]
Definition
7:0
Low byte Data Register (LBDR_[7:0])
D_[7:0]
Definition
7:0
High byte Data Register (HBDR_[7:0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com