Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 8Page - NXP Semiconductors SC4000 Datasheet HTML 9Page - NXP Semiconductors SC4000 Datasheet HTML 10Page - NXP Semiconductors SC4000 Datasheet HTML 11Page - NXP Semiconductors SC4000 Datasheet HTML 12Page - NXP Semiconductors SC4000 Datasheet HTML 13Page - NXP Semiconductors SC4000 Datasheet HTML 14Page - NXP Semiconductors SC4000 Datasheet HTML 15Page - NXP Semiconductors SC4000 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
2000 Sep 07
12
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
DEVICE OVERVIEW
The SC4000 Universal Timeslot Inter-
change is designed to provide the hard-
ware interface to the SCbus. Its primary
function is exchanging digital data be-
tween the Local bus serial port and the
SCbus serial port. A microprocessor
interface allows the host controller to
specify the timeslots and serial lines for
this exchange. Both the SCbus and the
Local bus can be programmed to oper-
ate at either 2.048 Mb/s, 4.096 Mb/s or
8.192 Mb/s.
As shown in Figure 1 , the destination
routing memory defines the Local Bus to
SCbus switch connection. There are 128
destination routing memory locations
— one for each Local Bus input channel.
The data stored in the destination rout-
ing memory selects the timeslot and
SCbus serial port connection for the
Local Bus input channel. The source
routing memory defines the SCbus to
Local Bus switch connection. There are
128 source routing memory locations —
one for each Local Bus output channel.
The data stored in the source routing
memory selects the time slot and SCbus
serial port connection for the Local Bus
output channel.
Local Bus Channels to Serial Ports SI and SO Time Slot Assignments
Framing mode
SI_0 and SO_0
SI_1 and SO_1
SI_2 and SO_2
SI_3 and SO_3
2.048 Mb/s
ch[0:31] -> ts[0:31]
ch[32:63] -> ts[0:31]
ch[64:95] -> ts[0:31]
ch[96:127] -> ts[0:31]
4.096Mb/s
ch[0:63] -> ts[0:63]
ch[64:127] -> ts[0:63]
8.192 Mb/s
ch[0:127] -> ts[0:127]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com