Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 4Page - NXP Semiconductors SC4000 Datasheet HTML 5Page - NXP Semiconductors SC4000 Datasheet HTML 6Page - NXP Semiconductors SC4000 Datasheet HTML 7Page - NXP Semiconductors SC4000 Datasheet HTML 8Page - NXP Semiconductors SC4000 Datasheet HTML 9Page - NXP Semiconductors SC4000 Datasheet HTML 10Page - NXP Semiconductors SC4000 Datasheet HTML 11Page - NXP Semiconductors SC4000 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
2000 Sep 07
8
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
Block Diagram
SC4000 100-Pin TQFP (top view)
128 x 2048
Destination
Switch
128 x 2176
Source
Switch
Timing
DPLL
Micro
Processor
Interface
SI_[3:0]
SO_[3:0]
Local Bus Timing
CLK_IN
REF_8K_[3:0]
A_[8:0]
D_[7:0]
Control
SCbus Timing
SD_[15:0]
Local
Connect
Control
Bus
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
SD_13
SD_14
VDD
SD_15
MC
MCA
VSS
L_CLK
L_FS
VDD
SO_0
SO_1
SO_2
VDD
SO_3
SI_0
SI_1
VSS
SI_2
SI_3
RESET
VSS
TEST
DRQ_R
DRQ_T
SCLKA
SCLK
VDD
SCLKX2NA
SCLKX2N
VSS
D_7
D_6
D_5
D_4
VSS
D_3
D_2
VDD
D_1
D_0
A_8
VSS
A_7
A_6
A_5
VDD
A_4
A_3
A_2
SC4000
100-PIN TQFP
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com