Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 36Page - NXP Semiconductors SC4000 Datasheet HTML 37Page - NXP Semiconductors SC4000 Datasheet HTML 38Page - NXP Semiconductors SC4000 Datasheet HTML 39Page - NXP Semiconductors SC4000 Datasheet HTML 40Page - NXP Semiconductors SC4000 Datasheet HTML 41Page - NXP Semiconductors SC4000 Datasheet HTML 42Page - NXP Semiconductors SC4000 Datasheet HTML 43Page - NXP Semiconductors SC4000 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
2000 Sep 07
40
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
Figure 10. Local Bus Timing, 1XL_CLK Mode (C_28 = 0)
Table 10. Local Bus Timing, 1X L_CLK Mode (C_28 = 0)
Symbol
Parameter
Min
Typ
Max
Unit
t1a
L_CLK Period (C_[7:6] = 0X)
t1b
L_CLK Period (C_[7:6] = 10)
t1c
L_CLK Period (C_[7:6] = 11)
t2a
L_FS delay from L_CLK (C_29 = 0)
t2b
L_FS delay from L_CLK
(C_[7:6] = 0X, C_29 = 1)
t3a
SO_[3:0] float to valid delay from L_CLK
↑ (C_19 = 0, C_29 = 0)
t3b
SO_[3:0] float to valid delay from L_CLK
↑ (C_19 = 0, C_[7:6] = 0X, C_29 = 1)
t3c
SO_[3:0] float to valid delay from L_CLK
↑ (C_19 = 1, C_[7:6] = 0X, C_29 = 0)
t3d
SO_[3:0] float to valid delay from L_CLK
↑ (C_19 = 1, C_[7:6] = 0X, C_29 = 1)
t3e
SO_[3:0] float to valid delay from L_CLK
↑ (C_19 = 1, C_[7:6] = 10)
t3f
SO_[3:0] float to valid delay from L_CLK
↑ (C_19 = 1, C_[7:6] = 11)
t4a
SO_[3:0] valid to valid delay from L_CLK
↑ (C_29 = 0)
t4b
SO_[3:0] valid to valid delay from L_CLK
↑ (C_[7:6] = 0X, C_29 = 1)
t5a
SO_[3:0] valid to float delay from L_CLK
↑ (C_29 = 0)
t5b
SO_[3:0] valid to float delay from L_CLK
↑ (C_[7:6] = 0X, C_29 = 1)
t6a
SI_[3:0] setup to L_CLK
↓ (C_17 = 0, C_29 = 0)
t6b
SI_[3:0] setup to L_CLK
↓ (C_17 = 0, C_[7:6] = 0X, C_29 = 1)
t7a
SI_[3:0] hold from L_CLK
↓ (C_17 = 0, C_29 = 0)
t7b
SI_[3:0] hold from L_CLK
↓ (C_17 = 0, C_[7:6] = 0X, C_29 = 1)
Notes
1. Timing measured with 100 pF load on all Local Bus outputs.
2. L_CLK and L_FS shown with positive polarity, timing is equivalent when signals are inverted.
t1
t2
t2
t2
t2
t2
t2
t3
t4
t5
t6 t7
SI
SO
L_CLK
L_FS
L_FS
L_FS
Frame Boundary
(C_[27:26]=00)
(C_[27:26]=01)
(C_[27:26]=10)
010
ns
-15
25
ns
010
ns
-15
25
ns
25
60
ns
10
75
ns
25
60
ns
10
30
ns
010
ns
-15
25
ns
010
ns
-15
25
ns
10
ns
25
ns
10
ns
25
ns
488
ns
244
ns
122
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com