Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 14Page - NXP Semiconductors SC4000 Datasheet HTML 15Page - NXP Semiconductors SC4000 Datasheet HTML 16Page - NXP Semiconductors SC4000 Datasheet HTML 17Page - NXP Semiconductors SC4000 Datasheet HTML 18Page - NXP Semiconductors SC4000 Datasheet HTML 19Page - NXP Semiconductors SC4000 Datasheet HTML 20Page - NXP Semiconductors SC4000 Datasheet HTML 21Page - NXP Semiconductors SC4000 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
2000 Sep 07
18
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
Table 2. Configuration Register Setup for SCbus Clock Master
Operation Mode
Conguration Register Bits Setup
Function Description
SCbus Master
C_0 = 1
SCbus clock master enabled
C_1 = 0
SCbus clock master disarmed (Default)
C_2
SCbus Primary or Alternate Select
0: Primary SCbus signals selected (Default)
1: Alternate SCbus signals selected
C_3 = 0
Diagnostic mode disabled
C_[5:4]
SCbus Framing mode to select one of the following rate:
0X = 2.048 Mb/s, 256 Bits/Frame, 32 Timeslots/Frame (Default)
10 = 4.096 Mb/s, 512 Bits/Frame, 64 Timeslots/Frame
11 = 8.192 Mb/s, 1024 Bits/Frame, 128 Timeslots/Frame
C_[7:6]
Local bus Framing mode to select one of the following rate:
0X = 2.048 Mb/s, 256 Bits/Frame, 32 Timeslots/Frame (Default)
10 = 4.096 Mb/s, 512 Bits/Frame, 64 Timeslots/Frame
11 = 8.192 Mb/s, 1024 Bits/Frame, 128 Timeslots/Frame
C_[10:8]
Master clock input frequency select:
000 = 2.048 MHz (Default), 001 = 4.096 MHz, 010 = 8.192 MHz,
011 = 16.384 MHz, 100 = 32.768 MHz, 101= 65.536 MHz,
11X =Reserved
C_21 = 0
SCbus FSYNCN rate to select one SCLK period (Default)
C_22
SCbus SCLKX2N and SCLKX2NA output enable control
0: SCbus SCLKX2N and SCLKX2NA output enabled (Default)
1: SCbus SCLKX2N and SCLKX2NA output disabled
C_23
SCbus Alternate signals output enable control
0: SCbus Alternate signals output disabled (Default)
1: SCbus Alternate signals output enabled
C_[43:40] (Internal/External
Master PLL reference 8K select)
Internal/External Master PLL reference select:
If C_43 = 0 select the reference for the internal master PLL from C_[42:40]: 000 = Free-run (Default),
001/010 = Free-run,
011 = SREF_8K/SREF_8KA, 100 = REF_8K_0, 101 = REF_8K_1,
110 = REF_8K_2, 111 = REF_8K_3
(see Figure 2)
If C_43 = 1 select the reference for the external master PLL (output on REF_8K_OUT pin 7) from
C_[42:40]: 000 = Free-run (driven high) (Default), 001/010 = Free-run (driven high), 011 =
SREF_8K/SREF_8KA,
100 = REF_8K_0, 101 = REF_8K_1, 110/111 = Tri-state (Z)
(see Figure 3)
C_51 = 1
SCbus CLKFAIL latch debounce enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com