Electronic Components Datasheet Search
  English  ▼

X  

SC4000 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 11Page - NXP Semiconductors SC4000 Datasheet HTML 12Page - NXP Semiconductors SC4000 Datasheet HTML 13Page - NXP Semiconductors SC4000 Datasheet HTML 14Page - NXP Semiconductors SC4000 Datasheet HTML 15Page - NXP Semiconductors SC4000 Datasheet HTML 16Page - NXP Semiconductors SC4000 Datasheet HTML 17Page - NXP Semiconductors SC4000 Datasheet HTML 18Page - NXP Semiconductors SC4000 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
2000 Sep 07
15
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
Figure 3 shows an external master PLL
implementation. The SC4000 provides
the 8 KHz reference output signal
REF_8K_OUT (pin 7) to the external
PLL. This 8 KHz reference signal is
sourced from either REF_8K[1:0] or
SREF_8K. The output of the external
PLL is then routed back to the SC4000
via CLK_IN (pin 6). The master clock
input (CLK_IN) frequency select at
C_[10:8] would then be programmed
for the external PLL frequency.
As shown in Figure 4, the SC4000 also
provides an internal clock PLL and local
bus PLL timing control circuitry for
both SCbus master and slave operations.
The internal clock PLL is used to create
the 4.096 or 8.192 MHz timing slaved to
the SCbus when the local bus is running
faster than the SCbus (i.e., 2.048 MHz at
SCbus, 8.096 MHz at local bus). If the
SCbus is faster or equal to the local bus,
then the SCbus clocks serve as the inter-
nal clock and use to create the local bus
clocks as well as message channel clock.
The local bus clock PLL is used to create
a 2.048 MHz L_CLK when:
• Local bus framing mode C_[7:6] is set
to 2.048 Mb/s
• A 65.536 MHz clock is supplied on
X_IN
• The C_29 bit is set to one.
If SCLK stops transitionally such as
during a clock fail condition (CLKFAIL
= 1), then the local bus clock PLL runs
free to generate L_CLK clock. In addi-
tion, the local bus SO lines are tri-stated
so that the network interface can con-
tinue to run.
Interrupts Control
The SC4000 can interrupt the host CPU
with the interrupt request signal INT_0
(pin 14). This signal is configured and
unmasked by configuration register bits
C_55, C_54 and C_53. The interrupt
sources are:
• C_56 SCbus CLKFAIL
• C_57 Frame Boundary
• C_58 Internal Master PLL Error
• C_59 SCbus Error Indicator (logical
“OR” of C_[67:64], C_[74:72], and
C_[83:80])
The interrupts are structured this way to
improve performance by allowing a sin-
gle read operation (of configuration reg-
ister byte 7) to determine whether the
SC4000 is the source of the interrupt.
Each of the SC4000 interrupt sources
can be individually masked.
Figure 3. External Master PLL (C_43 = 1) Function Block
C_0, C_3, C_[23:22]
SCLKX2N
SCLK
46, 47
49, 50
SREF_8K
51, 52
REF_8K_[1:0]
C_[42:40]
C_[45:44]
C_3, C_23, C_46
Master PLL
8 K Select
Reference
SCbus
Source
Select
SREF_8K
4, 5
FSYNCN
54, 55
Programmable
Divider
C_[10:8], C_[5:4]
To Internal Watchdogs and
SCbus Error Detectors
SCLKX2NA
FSYNCNA
SCLKA
SREF_8KA
C_2
Primary
or
Alternate
Select
External
PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com