Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7293 Datasheet HTML 27Page - Analog Devices AD7293 Datasheet HTML 28Page - Analog Devices AD7293 Datasheet HTML 29Page - Analog Devices AD7293 Datasheet HTML 30Page - Analog Devices AD7293 Datasheet HTML 31Page - Analog Devices AD7293 Datasheet HTML 32Page - Analog Devices AD7293 Datasheet HTML 33Page - Analog Devices AD7293 Datasheet HTML 34Page - Analog Devices AD7293 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 79 page
background image
Data Sheet
AD7293
Rev. D | Page 31 of 79
GPIO0 to GPIO3 Routing to ALERT1
A bit in the general register allows the GPIO0 to GPIO3 status
to route to the ALERT1 pin. Set GPIO0 to GPIO3 up as inputs
(bit set to 0 in the digital output enable register). If the GPIO is
read as 1, this read appears on ALERT1, and the GPIO register
can be read for the status of the pin to detect which pin has
caused ALERT1 to become active.
AVDD AND AVSS ALARM
There are comparators on AVDD (+3.6 V typical) and AVSS
(−4.1 V typical) that can be routed to the ALERTx pins or can
be used to control the PA_ON state and to put the bipolar
DACs/integrator outputs in the clamp state. By default, these
alarms are enabled.
When AVSS is greater than −4.1 V, there is a mask register
available whereby an alert of AVSS or AVDD is not creating an
alert on the ALERTx pin.
MAXIMUM AND MINIMUM PAGES
The maximum and minimum pages contain storage registers
for the maximum and minimum conversion results. This
function is useful when monitoring the minimum and maxi-
mum conversion values over time is required.
HYSTERESIS
The hysteresis value determines the reset point for the ALERTx
pin and/or software alert bit if a violation of the limits occurs. The
hysteresis register stores the hysteresis value when using the
limit registers. Each pair of limit registers has a dedicated hysteresis
register (see Figure 50). If software is periodically polling the
device to detect an alert, the hysteresis can be useful to ensure
that no out of limit condition is missed.
HIGH LIMIT
LOW LIMIT
HIGH LIMIT – HYSTERESIS
LOW LIMIT + HYSTERESIS
TIME
INPUT SIGNAL
ALERT SIGNAL
Figure 50. Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com