Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 46 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD7293 Datasheet HTML 42Page - Analog Devices AD7293 Datasheet HTML 43Page - Analog Devices AD7293 Datasheet HTML 44Page - Analog Devices AD7293 Datasheet HTML 45Page - Analog Devices AD7293 Datasheet HTML 46Page - Analog Devices AD7293 Datasheet HTML 47Page - Analog Devices AD7293 Datasheet HTML 48Page - Analog Devices AD7293 Datasheet HTML 49Page - Analog Devices AD7293 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 79 page
background image
AD7293
Data Sheet
Rev. D | Page 46 of 79
SEQUENCE (PAGE 0x03)
The sequence page contains registers that allow the user to
sequence and read back the conversions results from selected
channels in command mode.
Table 52. Sequence (Page 0x03)
Address
(Hex)
Name
Byte1
Access
Type1
Default
Value1
0x00
No op
N/A
N/A
0x00
0x01
Page select pointer
1
R/W
0x00
0x02
Conversion command2
1
W
N/A
0x03
Result
2
R
0x0000
0x04
DAC enable
1
R/W
0x00
0x05
GPIO
1
R/W
0x00
0x0C
Device ID
2
R
0x0018
0x0F
Software reset
2
R/W
0x0000
0x10
VINx sequence
2
R/W
0x0000
0x11
ISENSEx and TSENSEx
sequence
2
R/W
0x0000
0x12
RSx+MON, supply
monitor, and BI-VOUTx
monitor sequence
2
R/W
0x0000
1
N/A means not applicable.
2
Not a physical register.
Voltage Input (VINx) Sequence Register (Register 0x10)
This 16-bit register allows the user to sequence the ADC
conversions for the four input channels in command mode.
Current Sensor (ISENSEx) and Temperature Sensor (TSENSEx)
Sequence Register (Register 0x11)
This 16-bit register allows the user to sequence the results read
back for the four current sense and three temperature sensor
channels. The range for the current sense and temperature
sense channels is fixed at 0 V to REFADC (1.25 V). However, the
corresponding bit from the enable registers on the configuration
page must be set to run a conversion for a temperature sensor
or current sensor channel in command mode.
RSx+MON, Supply Monitor, and BI-VOUTx Monitor Sequence
Register (Register 0x12)
This 16-bit register allows the user to sequence and read back
the ADC conversion results for the four RSx+ pins, four voltage
supplies, and the four DAC monitor channels in command mode.
Table 53. VINx Sequence Register (Register 0x10)
Bit Number(s)
Bit Name
Description
[D15:D4]
Reserved
Reserved
D3
VIN3
1: command mode sequencing enabled
0: command mode sequencing disabled (default)
D2
VIN2
1: command mode sequencing enabled
0: command mode sequencing disabled (default)
D1
VIN1
1: command mode sequencing enabled
0: command mode sequencing disabled (default)
D0
VIN0
1: command mode sequencing enabled
0: command mode sequencing disabled (default)
Table 54. ISENSEx and TSENSEx Sequence Register (Register 0x11)
Bit Number(s)
Bit Name
Description
[D15:D12]
Reserved
Reserved
D11
ISENSE3
0: no control (default)
1: command mode sequencing enabled
D10
ISENSE2
0: no control (default)
1: command mode sequencing enabled
D9
ISENSE1
0: no control (default)
1: command mode sequencing enabled
D8
ISENSE0
0: no control (default)
1: command mode sequencing enabled
[D7:D3]
Reserved
Reserved
D2
TSENSED1
0: no control (default)
1: command mode sequencing enabled
D1
TSENSED0
0: no control (default)
1: command mode sequencing enabled
D0
TSENSEINT
0: no control (default)
1: command mode sequencing enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com