Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 48 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD7293 Datasheet HTML 44Page - Analog Devices AD7293 Datasheet HTML 45Page - Analog Devices AD7293 Datasheet HTML 46Page - Analog Devices AD7293 Datasheet HTML 47Page - Analog Devices AD7293 Datasheet HTML 48Page - Analog Devices AD7293 Datasheet HTML 49Page - Analog Devices AD7293 Datasheet HTML 50Page - Analog Devices AD7293 Datasheet HTML 51Page - Analog Devices AD7293 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 79 page
background image
AD7293
Data Sheet
Rev. D | Page 48 of 79
HIGH LIMIT 0 (PAGE 0x04)
Table 56. High Limit 0 (Page 0x04)
Address
(Hex)
Name
Byte1
Access
Type1
Default
Value1
0x00
No op
N/A
N/A
0x00
0x01
Page select pointer
1
R/W
0x00
0x02
Conversion command2
1
W
N/A
0x03
Result
2
R
0x0000
0x04
DAC enable
1
R/W
0x00
0x05
GPIO
1
R/W
0x00
0x0C
Device ID
2
R
0x0018
0x0F
Software reset
2
R/W
0x0000
0x10
VIN0 high limit
2
R/W
0xFFF0
0x11
VIN1 high limit
2
R/W
0xFFF0
0x12
VIN2 high limit
2
R/W
0xFFF0
0x13
VIN3 high limit
2
R/W
0xFFF0
0x20
TSENSEINT high limit
2
R/W
0xFFF0
0x21
TSENSED0 high limit
2
R/W
0xFFF0
0x22
TSENSED1 high limit
2
R/W
0xFFF0
0x28
ISENSE0 high limit
2
R/W
0xFFF0
0x29
ISENSE1 high limit
2
R/W
0xFFF0
0x2A
ISENSE2 high limit
2
R/W
0xFFF0
0x2B
ISENSE3 high limit
2
R/W
0xFFF0
1
N/A means not applicable.
2
Not a physical register.
VINx High Limit Registers (Register 0x10 to Register 0x13)
These read/write 16-bit registers set the high limits for the four
input channels. The default value of these registers is 0xFFF0.
Temperature Sensor (TSENSEx) High Limit Registers
(Register 0x20 to Register 0x22)
These read/write 16-bit registers set the high limits for the three
temperature sensor channels. The default value of these
registers is 0xFFF0.
Table 57. Temperature Sensor High Limit Registers
(Register 0x20 to Register 0x22)
Bit Number(s)
Bit Name
Description
D15
B11
0: −256°C
1: 0°C (default)
D14
B10
0: 0°C
1: 128°C (default)
D13
B9
0: 0°C
1: 64°C (default)
D12
B8
0: 0°C
1: 32°C (default)
D11
B7
0: 0°C
1: 16°C (default)
D10
B6
0: 0°C
1: 8°C (default)
D9
B5
0: 0°C
1: 4°C (default)
D8
B4
0: 0°C
1: 2°C (default)
D7
B3
0: 0°C
1: 1°C (default)
D6
B2
0: 0°C
1: 0.5°C (default)
D5
B1
0: 0°C
1: 0.25°C (default)
D4
B0
0: 0°C
1: 0.125°C (default)
[D3:D0]
Reserved
Reserved
Current Sensor (ISENSEx) High Limit Registers (Register 0x28
to Register 0x2B)
These read/write 16-bit registers set the high limits for the four
current sensor channels. The default value of these registers is
0xFFF0.
Table 58. VINx (Register 0x10 to Register 0x13) and ISENSEx High Limit Registers (Register 0x28 to Register 0x2B)
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
[D3:D0]
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com