Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 37 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD7293 Datasheet HTML 33Page - Analog Devices AD7293 Datasheet HTML 34Page - Analog Devices AD7293 Datasheet HTML 35Page - Analog Devices AD7293 Datasheet HTML 36Page - Analog Devices AD7293 Datasheet HTML 37Page - Analog Devices AD7293 Datasheet HTML 38Page - Analog Devices AD7293 Datasheet HTML 39Page - Analog Devices AD7293 Datasheet HTML 40Page - Analog Devices AD7293 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 79 page
background image
Data Sheet
AD7293
Rev. D | Page 37 of 79
CONFIGURATION (PAGE 0x02)
This page contains the registers that configure the device
operation.
Table 31. Configuration (Page 0x2)
Address
(Hex)
Name
Byte1
Access
Type1
Default
Value1
0x00
No op
N/A
N/A
0x00
0x01
Page select pointer
1
R/W
0x00
0x02
Conversion command2
1
W
N/A
0x03
Result
2
R
0x0000
0x04
DAC enable
1
R/W
0x00
0x05
GPIO
1
R/W
0x00
0x0C
Device ID
2
R
0x0018
0x0F
Software reset
2
R/W
0x0000
0x11
Digital output enable
2
R/W
0x0010
0x12
Digital input/output
function
2
R/W
0x000F
0x13
Digital functional
polarity
2
R/W
0x0090
0x14
General
2
R/W
0x0000
0x15
VINx Range 0
2
R/W
0x0000
0x16
VINx Range 1
2
R/W
0x0000
0x17
VINx differential/
single-ended enable
2
R/W
0x0000
0x18
VINx filter
2
R/W
0x0000
0x19
VINx background enable
2
R/W
0x0000
0x1A
Conversion delay
2
R/W
0x0000
0x1B
TSENSEx background
enable
2
R/W
0x0000
0x1C
ISENSEx background
enable
2
R/W
0x0000
0x1D
ISENSEx gain
2
R/W
0x0000
0x1F
DAC snooze/SLEEP0
pin
2
R/W
0xFF00
0x20
DAC snooze/SLEEP1
pin
2
R/W
0xFF00
0x23
RSx+MON, supply
monitor, BI-VOUTx
background enable
2
R/W
0x0000
0x28
Integrator limit and
closed-loop control
2
R/W
0x0000
0x29
PA_ON control
2
R/W
0x0130
0x2A
Ramp Time 0
2
R/W
0x0000
0x2B
Ramp Time 1
2
R/W
0x0000
0x2C
Ramp Time 2
2
R/W
0x0000
0x2D
Ramp Time 3
2
R/W
0x0000
0x2E
Closed-loop fast ramp
and integrator time
constant
2
R/W
0xBBBB
0x2F
INTLIMITx and AVSS/
AVDD alarm mask
2
R/W
0x0000
1
N/A means not applicable.
2
Not a physical register.
Digital Output Enable Register (Register 0x11)
This 16-bit register enables the output drivers of the GPIO pins
by setting the corresponding bit to one. When using one of the
pins as an output in GPIO mode or functional mode (for alerts
or busy), the corresponding bit must be set.
Digital Input/Output Function Register (Register 0x12)
All GPIOs are in either functional mode (power-up) or GPIO
mode. The relevant GPIO pin is in GPIO mode when the
corresponding bit in this register is set to 1. The relevant GPIO
pin is in functional mode when the corresponding bit in this
register is cleared to 0. Four pins are in functional mode and
four pins are in GPIO mode after a power-on reset.
Digital Functional Polarity Register (Register 0x13)
This register sets the polarity of the digital input/output pins in
functional mode only. The associated input/output signal can be
made active low by setting the corresponding bit in this register
to 1. Functional mode is set up in the digital input/output
function register (Register 0x12).
General Register (Register 0x14)
This 16-bit register selects the internal ADC reference or an
external reference and other general functions. The status on
GPIO0 to GPIO3 can be routed to ALERT1. Error amplifier
control over the integrator limit feature is also configurable in
this register. ALERT0 can be routed internally to clamp the
bipolar DACs.
VINx Range x Registers (Register 0x15 and Register 0x16)
These two 16-bit registers combine together to specify the input
range of the VINx channels. The default range is 4 × REFADC. If
either of the corresponding range bits from the two range
registers is set to one, the analog input voltage range is set to
2 × REFADC. If both the bits are set to one, the analog input
voltage range is REFADC. See Table 36 and Table 37 for range
selection. REFADC = 1.25 V.
VINx Differential/Single-Ended Enable Register
(Register 0x17)
This register runs the ADC conversions for the voltage input
channels in differential and pseudo differential mode. The
corresponding differential pairs for the channels are as follows:
VIN0 to VIN1 for Channel 0, VIN1 to VIN0 for Channel 1, VIN2 to
VIN3 for Channel 2, and VIN3 to VIN2 for Channel 3. The
differential mode bits are ignored when the device is in pseudo
differential mode.
VINx Filter Register (Register 0x18)
A digital filter can be applied to the conversion result of all four
VINx channels. Set the corresponding filter bit to 1 to apply the
digital filter.
VINx Background Enable Register (Register 0x19)
Set the corresponding enable bit to 1 to convert the VINx channels
in the background.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com