Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7293 Datasheet HTML 24Page - Analog Devices AD7293 Datasheet HTML 25Page - Analog Devices AD7293 Datasheet HTML 26Page - Analog Devices AD7293 Datasheet HTML 27Page - Analog Devices AD7293 Datasheet HTML 28Page - Analog Devices AD7293 Datasheet HTML 29Page - Analog Devices AD7293 Datasheet HTML 30Page - Analog Devices AD7293 Datasheet HTML 31Page - Analog Devices AD7293 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
AD7293
Data Sheet
Rev. D | Page 28 of 79
Each of the four current closed loops consists of a DAC, an
error amplifier, and an integrator in the forward path to drive
the gate of the PA FET. A high-side current sense amplifier in
the feedback path senses that PA drain bias current and closes
the loop.
An external gate filter can be introduced between the gate of the
power amplifier and the integrator output pins when operating
in closed-loop mode to limit the noise bandwidth and to ensure
PA stability. The gate filter time constant (τG) must be between
5 µs and 50 µs.
Adjustable Closed-Loop Setpoint Ramp Time
The transition between two successive setpoints of the DAC are
interpolated in a linear manner with the aid of a ramp generator.
When moving to a new closed-loop setpoint, limiting the rate of
change of the drain current is often required. To facilitate this,
the AD7293 can automatically generate a linear ramp between
the old and new DAC settings, over a programmable duration.
Write to the ramp time register to enable this feature, which
allows ramp times of between 4 ms and 31.75 ms to generate,
programmable in 250 µs steps. If a value of less than 4 ms is
written to the register, the ramp generator disables, and the new
target DAC code is set immediately. Depending on the overall
loop time constant, an additional settling time can be required
after the end of the ramp for the drain current to reach the
prescribed set point.
RAMP TIME
SETTLING
TIME
DAC RAMP
RS VOLTAGE
Figure 47. Programmable Ramp Time Representation
Fast Ramp Feature
To accelerate the initial settling of the closed loop, the fast ramp
feature can be enabled. When the ramp time register is programmed
to 0x0000, the ramp generator disables. In this mode, when the
current sense reading is less than 0x00F, the integrator time
constant is reduced to 408 µs, allowing the gate control voltage
to reach the PA threshold voltage as quickly as possible. When
above this current, the time constant automatically returns to its
programmed value. When a different switching threshold is
desired, use the current sense offset register to allow Code 0x00F to
represent a higher or lower current. This features may be useful to
prevent unwanted overshoot (lower threshold) or to speed up
settling (higher threshold).
Closed-Loop Sequencing
On power-up or following a reset, the system is configured as
follows:
•
The four bipolar outputs (BI-VOUT0 to BI-VOUT3) are set to
their clamp value, regardless of the levels of the SLEEP0 or
the SLEEP1 pin.
•
All of the DAC data registers are set to 0x0000, and the
bipolar DACs operate in open loop.
•
The PA_ON signal is set to the off state.
To enter closed-loop operation, it is important to follow these steps:
1. Configure the AD7293 for closed-loop operating mode by
writing to the integrator limit and closed-loop control register
(Register 0x28) from the configuration page. Additionally,
if PMOS drain switch control is used, set the PA_ON signal
to the on state by writing to the PA_ON control register
(Register 0x29) from the same page.
2. The DACs must be programmed at this point. Choose the
target drain current such that the PA is within its operating
region. The ISENSE gain setting must be left at the default
value of 6.25 in closed-loop mode. At this point, setting the
corresponding ramp time to 0 may be required so that the
ramp generator disables, and the DAC jumps to the target
value quickly.
3. Release the DACs out of clamp by writing to the DAC
enable register (Register 0x04) and wait 5 ms for the PAs to
settle to the initial drain current. At this point, ensure that
the programmed ramp time is 0, such that the ramp generator
is disabled, and the DAC resolves to the target value.
4. Program the desired ramp times for each channel by writing
to the corresponding ramp time registers (Register 0x2A to
Register 0x2D) from the configuration page.
5. Program the target drain current by writing to the DAC
registers. In addition to the ramp time, allow a delay of
1 ms before checking whether the PA drain current
corresponds to the intended target current. During the
active ramp period, if the DAC input register (Page 0x00,
Register 0x30 to Register 0x37) is read back, it is seen as
ramping up or ramping down to the target code.
If the user writes a new target drain current while the ramp is
active, the device restarts the internal timer and aims to reach
the new drain current within the programmed ramp time.
If the device is configured in closed-loop mode, the ADC runs
conversions on the corresponding current sensor channel in the
background. In addition to the current sensor conversions,
additional channels can be configured to run background
conversions (via the corresponding background enable registers).
The user can read back the conversion results via the channel
specific result registers in Page 0x00 and Page 0x01.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com