Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 47 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD7293 Datasheet HTML 43Page - Analog Devices AD7293 Datasheet HTML 44Page - Analog Devices AD7293 Datasheet HTML 45Page - Analog Devices AD7293 Datasheet HTML 46Page - Analog Devices AD7293 Datasheet HTML 47Page - Analog Devices AD7293 Datasheet HTML 48Page - Analog Devices AD7293 Datasheet HTML 49Page - Analog Devices AD7293 Datasheet HTML 50Page - Analog Devices AD7293 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 79 page
background image
Data Sheet
AD7293
Rev. D | Page 47 of 79
Table 55. RSx+MON, Supply Monitor, and BI-VOUTx Monitor Sequence Register (Register 0x12)
Bit Number(s)
Bit Name
Description
[D15:D12]
Reserved
Reserved
D11
RS3+MON
0: no control (default)
1: command mode sequencing enabled
D10
RS2+MON
0: no control (default)
1: command mode sequencing enabled
D9
RS1+MON
0: no control (default)
1: command mode sequencing enabled
D8
RS0+MON
0: no control (default)
1: command mode sequencing enabled
D7
BI-VOUT3MON
0: no control (default)
1: command mode sequencing enabled
D6
BI-VOUT2MON
0: no control (default)
1: command mode sequencing enabled
D5
BI-VOUT1MON
0: no control (default)
1: command mode sequencing enabled
D4
BI-VOUT0MON
0: no control (default)
1: command mode sequencing enabled
D3
AVSS
0: no control (default)
1: command mode sequencing enabled
D2
DACVDD-BI
0: no control (default)
1: command mode sequencing enabled
D1
DACVDD-UNI
0: no control (default)
1: command mode sequencing enabled
D0
AVDD
0: no control (default)
1: command mode sequencing enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com