Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 34 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD7293 Datasheet HTML 30Page - Analog Devices AD7293 Datasheet HTML 31Page - Analog Devices AD7293 Datasheet HTML 32Page - Analog Devices AD7293 Datasheet HTML 33Page - Analog Devices AD7293 Datasheet HTML 34Page - Analog Devices AD7293 Datasheet HTML 35Page - Analog Devices AD7293 Datasheet HTML 36Page - Analog Devices AD7293 Datasheet HTML 37Page - Analog Devices AD7293 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 79 page
background image
AD7293
Data Sheet
Rev. D | Page 34 of 79
RESULT 0/DAC INPUT (PAGE 0x00)
Result 0/DAC input is located at Page 0x00. It contains result
registers for the ADC, the temperature sensor, and the current
sensor channel. The page also contains DAC input registers to
set the output voltage.
Table 24. Result 0/DAC Input (Page 0x0)
Address
(Hex)
Name
Byte1
Access
Type1
Default
Value1
0x00
No op
N/A
N/A
0x00
0x01
Page select pointer
1
R/W
0x00
0x02
Conversion command2
1
W
N/A
0x03
Result
2
R
0x0000
0x04
DAC enable
1
R/W
0x00
0x05
GPIO
1
R/W
0x00
0x0C
Device ID
2
R
0x0018
0x0F
Software reset
2
R/W
0x0000
0x10
VIN0
2
R
0x0000
0x11
VIN1
2
R
0x0000
0x12
VIN2
2
R
0x0000
0x13
VIN3
2
R
0x0000
0x20
TSENSEINT
2
R
0x0000
0x21
TSENSED0
2
R
0x0000
0x22
TSENSED1
2
R
0x0000
0x28
ISENSE0
2
R
0x0000
0x29
ISENSE1
2
R
0x0000
0x2A
ISENSE2
2
R
0x0000
0x2B
ISENSE3
2
R
0x0000
0x30
UNI-VOUT0
2
R/W
0x0000
0x31
UNI-VOUT1
2
R/W
0x0000
0x32
UNI-VOUT2
2
R/W
0x0000
0x33
UNI-VOUT3
2
R/W
0x0000
0x34
BI-VOUT0
2
R/W
0x0000
0x35
BI-VOUT1
2
R/W
0x0000
0x36
BI-VOUT2
2
R/W
0x0000
0x37
BI-VOUT3
2
R/W
0x0000
1
N/A means not applicable.
2
Not a physical register.
Voltage Input (VINx) Result Registers (Register 0x10 to
Register 0x13)
These registers store the 12-bit ADC results from the four input
channels.
In single-ended mode, the LSB size is REFADC/4096 when the
0 V to REFADC range is selected, 2 × REFADC/4096 when the 0 V
to 2 × REFADC range is selected, and 4 × REFADC/4096 when the
0 V to 4 × REFADC range is selected (which is the default value).
REFADC = 1.25 V. See the ADC Transfer Functions section for
more information. See Table 25 for more information.
Temperature Sensor (TSENSEINT and TSENSEDx) Result
Registers (Register 0x20 to Register 0x22)
These registers store the 12-bit ADC results from the three
temperature sensor channels. 1 LSB = 0.125°C. See Table 26 for
more information.
Current Sensor (ISENSEx) Result Registers (Register 0x28 to
Register 0x2B)
These registers store the 12-bit ADC results from the four
current sensor channels. See Table 25 for more information.
DAC Input (UNI-VOUTx and BI-VOUTx) Registers
(Register 0x30 to Register 0x37)
Writing to these register addresses sets the 12-bit DAC output
voltage codes, as shown in Table 27.
If the load bit is set to 1, the device waits for the DAC load pin
(GPIO7/LDAC) before loading the voltage codes onto the
DACs rather than immediately after the write operation. If the
copy bit is set to 1, writing to any of the four DAC registers
(unipolar and bipolar are grouped separately) sets all the other
DAC registers to the same value.
While reading back the DAC result registers, only the 12-bit
internal DAC output register value is visible to the user.
Bits[D3:D0] read 0 irrespective of the status of the copy and
load bits.
Table 25. Voltage Input (Register 0x10 to Register 0x13) and Current Sensor (Register 0x28 to Register 0x2B) Result Registers
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
[D3:D0]
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com