Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 74 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 74 Page - Analog Devices

Back Button AD7293 Datasheet HTML 70Page - Analog Devices AD7293 Datasheet HTML 71Page - Analog Devices AD7293 Datasheet HTML 72Page - Analog Devices AD7293 Datasheet HTML 73Page - Analog Devices AD7293 Datasheet HTML 74Page - Analog Devices AD7293 Datasheet HTML 75Page - Analog Devices AD7293 Datasheet HTML 76Page - Analog Devices AD7293 Datasheet HTML 77Page - Analog Devices AD7293 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 79 page
background image
AD7293
Data Sheet
Rev. D | Page 74 of 79
Table 114. Current Sensor Integration Time
Code
Gain
Clocks
Typical Integration Time (µs)
0000
6.25
440
17.6
0001
12.5
650
26.0
0010
18.75
860
34.4
0011
25
1070
42.8
0100
37.5
1490
59.6
0101
50
1910
76.4
0110
75
2750
110.0
0111
100
3590
143.6
1000
200
6950
278.0
1001
400
13670
546.8
1010
781.25
26480
1059.2
Table 115. Temperature Sensor Integration time
Channel
Clocks
Typical Integration Time (µs)
TSENSEINT
30523
1220.92
TSENSED0
60987
2439.48
TSENSED1
60987
2439.48
Each current sense channel has its own integrator, whereas
there is only one integrator for all three temperature channels.
Therefore, temperature inputs that are enabled are measured
sequentially. This means that, for example, if all are enabled, the
update time is (1220.92 µs + 2 × 2439.48 µs) = 6099.88 µs
Conversion and Integration Timing Example 1
Enable three of the current sense channels with a gain of 6.25.
All three integrations start as soon as the enable register is
written to. After 17.6 µs, all three voltages are ready to be
converted by the ADC. The ISENSE0 channel is converted first,
while the ISENSE1 channel and the ISENSE2 channel are held in the
queue. After the ISENSE0 conversion is complete, the ISENSE0
amplifier is released to start a new integration, and the ADC
moves on to convert the ISENSE1 voltage.
The AD7293 settles into a routine, converting the three ISENSEx
channels, each with an update time of (17.6 µs + 4.2 µs) = 21.8 µs.
See Figure 57 for more details.
Conversion and Integration Timing Example 2
In this example, in addition to the three current sense channels,
three monitor channels are also enabled, as shown in Figure 58.
The ADC is busy all the time; therefore, the time it takes to
complete a cycle of conversions is the sum of all the conversion
times: (4.2 µs × 3 + 4.0 µs × 3) = 24.6 µs.
If the temperature sensor is also enabled, when the output of the
temperature sensor is ready (once every 1 ms to 2 ms depending
on which channels are selected), the ADC sequencer waits for
its turn in the sequence before initiating a conversion on the
particular TSENSEx channel. The combination of conversions
increases the duration of that particular cycle from 24.6 µs to
(24.6 µs + 2.3 µs) = 26.9 µs in this example.
Digital Filtering
A digital filter is available on the ADC channels. The digital
filter consists of a simple low-pass filter function to help reduce
unwanted noise on dc signals. This low-pass filter has a −3 dB
cutoff frequency of
400
64
2
S
S
3dB
f
f
f
≈
×
=
−
π
where fS is the sample frequency. The sample frequency depends
on the type of channel, how many other channels are enabled,
and whether it is in background mode or command mode (for
example, if the internal temperature sensor channel is enabled
alone, the update period is 1220.92 µs typically, which is close to
fS ≈ 819 Hz). If VIN0, VIN1, VIN2, and VIN3 are also enabled in
background mode, a conversion then takes place on VIN0 every
9.2 µs (2.3 µs × 4), meaning fS ≈ 1 ÷ 9.2 µs ≈ 108.7 kHz. To
avoid aliasing of high frequencies at the input, use an antialias
filter to reject input frequencies above fS/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com