Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7293 Datasheet HTML 6Page - Analog Devices AD7293 Datasheet HTML 7Page - Analog Devices AD7293 Datasheet HTML 8Page - Analog Devices AD7293 Datasheet HTML 9Page - Analog Devices AD7293 Datasheet HTML 10Page - Analog Devices AD7293 Datasheet HTML 11Page - Analog Devices AD7293 Datasheet HTML 12Page - Analog Devices AD7293 Datasheet HTML 13Page - Analog Devices AD7293 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
AD7293
Data Sheet
Rev. D | Page 10 of 79
GENERAL
DVDD, AVDD, DACVDD-BI = 4.5 V to 5.5 V (connect AVDD and DACVDD-BI to the same potential), DACVDD-BI = 5 V, AVSS = −5 V, RSx+ = AVDD to
55 V, AGND = DGND = 0 V, VREFIN = 2.5 V internal or external, VDRIVE = 1.7 V to 5.5 V, TA = −40°C to +125°C, unless otherwise noted.
Table 6.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
Input Voltage
High
VIH
0.8 × VDRIVE
V
Low
VIL
0.2 × VDRIVE
V
Input Leakage Current
IIN
±1
µA
Input Capacitance
CIN
3
pF
LOGIC OUTPUTS1
GPIO0/IS BLANK, GPIO1/CONVST,
GPIO2/BUSY, GPIO3/ALERT0, and
GPIO4/ALERT1 are open-drain outputs
Output Voltage
High
VOH
0.4
V
ISINK = 3 mA
Low
VOL
0.6
V
ISINK = 6 mA
Floating-State Leakage Current
±1
µA
Floating-State Output Capacitance
8
pF
GENERAL-PURPOSE OUPUTS
Output Voltage
High
VOH
VDRIVE − 0.2
V
ISINK/ISOURCE = 1 mA
Low
VOL
0.4
V
ISINK/ISOURCE = 1 mA
POWER REQUIREMENTS
Supply Voltages
Positive Analog
AVDD
4.5
5.5
V
Negative Analog
AVSS
−5.5
−4.5 or 0
V
Logic Power
VDRIVE
1.7
5.5
V
Supports 1.8 V, 3 V, and 5 V interfaces
Unipolar DAC
DACVDD-UNI
4.5
12.5
V
Bipolar DAC
DACVDD-BI
4.5
5.5
V
PA_ON Power
PAVDD
4.5
AVSS + 60
V
RSx+ Voltage
VRSx+
4
AVSS + 60
V
Supply Currents
All power supplies set to maximum
voltage; ADC on and converting;
DACs enabled with no load applied
AVDD
AIDD
9
12.5
mA
AVSS
AISS
−4.4
−5.4
mA
VDRIVE
IDRIVE
1
2.1
mA
DACVDD-UNI
DACIDD-UNI
2.1
3
mA
DACVDD-BI
DACIDD-BI
5
8.2
mA
PAVDD
PAIDD
81
100
µA
Power Dissipation
110
mW
1
Guaranteed by design and characterization; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com