Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 44 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD7293 Datasheet HTML 40Page - Analog Devices AD7293 Datasheet HTML 41Page - Analog Devices AD7293 Datasheet HTML 42Page - Analog Devices AD7293 Datasheet HTML 43Page - Analog Devices AD7293 Datasheet HTML 44Page - Analog Devices AD7293 Datasheet HTML 45Page - Analog Devices AD7293 Datasheet HTML 46Page - Analog Devices AD7293 Datasheet HTML 47Page - Analog Devices AD7293 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 79 page
background image
AD7293
Data Sheet
Rev. D | Page 44 of 79
Bit Number(s)
Bit Name
Description
D3
Closed-Loop 3
0: closed loop is disabled (default)
1: closed loop is enabled
D2
Closed-Loop 2
0: closed loop is disabled (default)
1: closed loop is enabled
D1
Closed-Loop 1
0: closed loop is disabled (default)
1: closed loop is enabled
D0
Closed-Loop 0
0: closed loop is disabled (default)
1: closed loop is enabled
Table 48. PA_ON Control Register (Register 0x29)
Bit Number(s)
Bit Name
Description
[D15:D10]
Reserved
Reserved
D9
PA_ON enable
0: PA_ON signal is in the off state (default)
1: PA_ON signal is in the on state
D8
PA_ON trigger
0: no control
1: AVSS/AVDD alarm or ALERT0 triggers PA_ON (default)
[D7:D6]
Reserved
Reserved
D5
SLEEP1 snooze
0: no control
1: PA_ON snooze after SLEEP1 enable (default)
D4
SLEEP0 snooze
0: no control
1: PA_ON snooze after SLEEP0 enable (default)
[D3:D2]
Reserved
Reserved
D1
PA_ON SLEEP1
0: no control (default)
1: PA_ON controlled by the SLEEP1 pin
D0
PA_ON SLEEP0
0: no control (default)
1: PA_ON controlled by the SLEEP0 pin
Table 49. Ramp Time 0 to Ramp Time 3 Registers (Register 0x2A to Register 0x2D)
Bit Number(s)
Bit Name
Description
[D15:D7]
Reserved
Reserved
[D6:D0]
B6 to B0
Ramp time bits configure the ramp time for the DACs in closed-loop mode
0000000 = no ramp function (default)
0000001 to 0010000 = 4 ms
0010001 = 4.25 ms
…
1111110 = 31.5 ms
1111111 = 31.75 ms
Table 50. Closed-Loop Fast Ramp and Integrator Time Constant Register (Register 0x2E)
Bit Number(s)
Bit Name
Description
D15
CL3_FR
0: Closed-Loop 3 fast ramp disable
1: Closed-Loop 3 fast ramp enable (default)
[D14:D12]
CL3_CAP_TRIM[2:0]
000: not applicable
001: 2.352 ms
010: 1.218 ms
011: 840 µs (default)
100: 650 µs
101: 538 µs
110: 462 µs
111: 408 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com