Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 104 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 104 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 100Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 101Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 102Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 103Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 104Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 105Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 106Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 107Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 108Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
102
Structure
Size
Quantity Required
Operating Environment
40 kB
Single block of memory starting at address 0x000000
Packet Buffers
80 bytes
Buffering per port multiplied by number of ports and
divided by packet buffer size
Data Descriptors
20 bytes
Number of packet buffers plus (7*broadcast limit) plus
(number of devices * broadcast limit)
Hash Buckets /
Forwarding Tags
64 bytes
Number of MAC addresses to be supported in the
system
System Boot Image Copy
32 kB
Temporary use; held reserved for simplicity
Of the different structures, the computation of how many data descriptors are required
constitutes the most difficult, principally because of the differing requirements for
unicast and multicast frames. Unicast frames require only a single data descriptor per
frame, because, by definition, they can be placed on only one queue at a time.
Broadcast/multicast frames, however, are queued to multiple destinations and thus
require more than one data descriptor per frame. An upper limit on the number of data
descriptors may be computed by observing that a given frame can be queued to at
most (P -1) + (D - 1) queues, where P is the number of ports on a particular device, and
D is the number of devices in the system. (The computation can be easily derived by
noting that a broadcast frame cannot be retransmitted out the port it came in on, and
also cannot be transferred over the PCI bus to the device that originally received it)
A good upper bound on the number of data descriptors required in the system may
therefore be obtained by assuming minimum-sized frames (i.e., every packet buffer
contains a complete Ethernet frame), and then taking into account the configurable
system broadcast limit set up at initialization time to determine the additional number of
data descriptors required to handle broadcast frames. The maximum number of data
descriptors required is then given by:
N + (P - 1) * B + (D - 1) * B + E
where N = number of packet buffers in free packet buffer pool, P = number of ports in
ELAN 8x10 (i.e., 7), B = broadcast limit in frames, D = number of devices in system
including this ELAN 8x10, and E is the number of additional data descriptors that are
required to support the messaging system. (A reasonable value for E is about 8 per
port.)
As an example, consider a minimum system with two ELAN 8x10 devices, using 64 kB
of buffering per port and supporting up to 2048 MAC addresses in the system. Assume
that the broadcast limit is set to 1400 broadcast frames outstanding at a time, and
about 128 data descriptors are reserved for holding system messages. The parameters
for such a system would be:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com