Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 106 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 106 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 102Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 103Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 104Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 105Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 106Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 107Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 108Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 109Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 110Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
104
Managed System Requirements
This section discusses the memory requirements for supporting the RTOS, the UDP/IP
stack, the SNMP agent, and the MIB implemented by the ELAN 8x10.
This section is TBD.
Switching System Initialization
Prior to beginning Ethernet frame switching operations, it is necessary to initialize the
various data structures (primarily the variables in the Switch Processor operating
environment) and internal device registers to the appropriate values, and also to set up
the free pools required for dynamic memory allocation. This section describes the
initialization process in detail.
This section is TBD.
Switching Between Local Ports
The following describes the sequence of events that take place whenever an Ethernet
frame is switched from one port to another through the local RAM. Note that the
discussion focuses mainly on the actions performed by the Switch Processor firmware
and the transactions performed by the frame switching processes, and only briefly
describes the functions implemented by the hardware.
The switching sequence followed by the ELAN 8x10 upon the reception of a valid frame
that will be transmitted out another of the ports implemented on the same ELAN 8x10
device is depicted in the following trellis diagram:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com