Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 110 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 110 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 106Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 107Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 108Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 109Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 110Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 111Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 112Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 113Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 114Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
108
descriptor flags to determine whether the source and destination MAC address
lookups have been successful. If valid 16-bit encoded source and/or destination
hash bucket indices are present, the firmware will convert these to the actual 24-
bit memory addresses of the corresponding hash buckets. The source address
checking and learning process is then carried out.
If the source address lookup has failed, the frame contains a new, un-learned
MAC address; the firmware will then execute the address learning function, as
described in a succeeding section. If the source address lookup has succeeded
but the hash bucket is inconsistent with the expected address table entry (e.g., it
is a forwarding tag rather than a hash bucket, or the hash bucket indicates an
improper source physical port), then the firmware will declare a topology change
and invoke the spanning tree functions. If the source address lookup has
returned a valid hash bucket, the firmware will write a 32-bit timestamp
(obtained from the CLOCK register within the Switch Processor) into the hash
bucket for aging purposes, and then proceed to the next step.
13. The firmware now verifies that the destination address lookup was successful; if
not, the firmware invokes the frame flooding function to broadcast the frame to
all ports that are on the spanning tree. If the destination address lookup
succeeded, but locates a forwarding tag, this indicates that the firmware must
transfer the frame to a remote device; this is described in the next section.
Finally, the physical ports referenced by the source and destination hash
buckets are compared to determine whether the frame should be filtered (i.e.,
the source and destination ports are the same). The frame is forwarded to a
single local port only if the destination address lookup succeeded and returned
a valid hash bucket referencing a different physical port present on this ELAN
8x10. Note that the Flags field in the destination hash bucket is also checked to
verify whether the frame requires special handling.
14. The frame type is classified according to the Type subfield in the Flags field of
the destination hash bucket, i.e., whether the frame is to be treated as a unicast
or broadcast/multicast. If the frame is to be a broadcast/multicast, the
MulticastMask field in the hash bucket is consulted to determine the ports and
devices to which the frame should be sent.
15. The frame has been successfully processed and classified; the source MAC
address statistics (i.e., the per-host statistics in the source hash bucket) as well
as the source per-port statistics are updated appropriately at this time.
16. The firmware now queues the frame for transmission or transfer (or both, in the
case of broadcasts). It is assumed here that the frame is intended to be
transmitted out one or more local MAC channels. In this case, the firmware
identifies the physical port(s) on which the frame must be transmitted, locates
the local port descriptor(s), and obtains the transmit queue head and tail
pointers from these local port descriptor(s). The firmware then enters the frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com