Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 112 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 112 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 108Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 109Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 110Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 111Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 112Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 113Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 114Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 115Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 116Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
110
transmitted frame, and reads out the reference count from the RefCount field in
the packet buffer. The reference count is decremented, and the result
inspected: if the count is non-zero, then additional queue entries are pointing to
the frame data, and the packet buffer chain should not be freed; instead, the
new reference count is written back to the packet buffer. The Flags field of the
data descriptor is also checked to see if the frame requires special handling.
20. The data descriptor read in the previous step is freed to the free data descriptor
pool, and the transmit queue maintained by the local port descriptor is advanced
to the next entry (if any).
21. If the reference count checked in the preceding step went to zero (or the frame
was a unicast), then the frame does not have to be transmitted out any more
ports; the firmware will then de-allocate the packet buffers holding the frame
back to the free packet buffer pool.
22. The firmware now reads and updates the per-port transmit statistics stored in
the local port descriptor.
23. If the frame was a unicast, then the HashBkt pointer field in the data descriptor
will denote a valid destination hash bucket. The firmware will use this pointer to
access and update the per-MAC transmit statistics in the hash bucket as well.
Note that transmit statistics are not updated on a per-MAC basis in the case of
broadcasts or multicasts.
24. When the above processing has been completed, the firmware will (if it freed up
the packet buffer chain in step 21 above) increment the source port buffer count
by the number of buffers freed in order to restore the buffer limit to its original
value. The source port is obtained via the SrcPort entry in the data descriptor,
which holds the index of the physical port on which the frame arrived (and hence
indicates the local port descriptor containing the MaxBuffers field that must be
incremented). This completes the processing of the frame.
It should be noted that the Switch Processor firmware is actually responsible for re-
transmitting a frame over a local port if the transmission attempt is aborted due to
collision or the need to defer to an incoming frame. This is done automatically by simply
checking the transmit queue associated with that local port whenever it is known that
the DMA Controller channel for that port is idle; if one or more frames are present in the
transmit queue, then the frame at the head of the queue is passed to the DMA
Controller for transmission. This operation is performed at three points in the course of
frame switching: when a frame has just been received (and presumably the MAC logic
is counting out the inter-frame gap), when a frame has just been transmitted, or a
transmit attempt was terminated by a collision, and when a frame is queued for
transmission out the given port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com