Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 116 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 116 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 112Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 113Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 114Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 115Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 116Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 117Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 118Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 119Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 120Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
114
0xzzffffff
Internal registers, etc.
0xzzffff40
0xzzffff3c
Acknowledge Counter #7
0xzzffff38
Acknowledge Counter #6
0xzzffff34
Acknowledge Counter #5
0xzzffff30
Acknowledge Counter #4
0xzzffff2c
Acknowledge Counter #3
0xzzffff28
Acknowledge Counter #2
0xzzffff24
Acknowledge Counter #1
0xzzffff20
Acknowledge Counter #0
0xzzffff1c
Request Counter #7
0xzzffff18
Request Counter #6
0xzzffff14
Request Counter #5
0xzzffff10
Request Counter #4
0xzzffff0c
Request Counter #3
0xzzffff08
Request Counter #2
0xzzffff04
Request Counter #1
0xzzffff00
Request Counter #0
0xzzfffeff
External local memory
and internal registers
0xzz000000
Note that the component of the 32-bit PCI address marked "zz" (as in 0xzz000000, for
example) represents the base address loaded into the uppermost 8 bits of the memory
base address register.
As shown, the eight request counters occupy consecutive 32-bit locations from an
offset of 0xffff00 to 0xffff1c from the base; the eight acknowledge counters occupy
locations from an offset of 0xffff20 to 0xffff3c. The address of acknowledge counter #0
may thus be obtained by adding 0x20 (i.e., 32 decimal) to the address of request
counter #0, and so on.
Each pair of request and acknowledge counters marked with a given index is dedicated
to a particular device in the system. If the devices are numbered from 0 through 7, and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com